Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65022 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS65022
Description  Power Management IC for Li-Ion Powered Systems
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65022 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS65022_16 Datasheet HTML 10Page - Texas Instruments TPS65022_16 Datasheet HTML 11Page - Texas Instruments TPS65022_16 Datasheet HTML 12Page - Texas Instruments TPS65022_16 Datasheet HTML 13Page - Texas Instruments TPS65022_16 Datasheet HTML 14Page - Texas Instruments TPS65022_16 Datasheet HTML 15Page - Texas Instruments TPS65022_16 Datasheet HTML 16Page - Texas Instruments TPS65022_16 Datasheet HTML 17Page - Texas Instruments TPS65022_16 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
C4High
1.09 A
C4Low
120mA
C2PK-PK
188mV
=
Ch2 V
Ch4 I
O
O
=
C2Mean
3.3051V
PWMMode
I
= 120mA to1080mA
V =3.8V
V
=3.3V
O
I
O
C4High
830mA
C4Low
90mA
C2PK-PK
80mV
=
Ch2 V
Ch4 I
O
O
=
PWMMode
I
VI
O
=3.8V
V
=1.8V
O =100mA to800mA
C2Mean
1.7946V
C1High
4.04V
C1Low
2.94V
C2PK-PK
49.9mV
C2Mean
1.79419V
=
Ch1 V
Ch2 V
I
O
=
I
=100mA
V =3Vto4V
V
=1.8V
PWMMode
O
I
O
C1High
4.05V
C1Low
2.95V
C2PK-PK
46.0mV
=
Ch1 V
Ch2 V
I
O
=
C2Mean
1.59798V
I
=100mA
V =3Vto4V
V
=1.6V
PWMMode
O
I
O
I
-OutputCurrent-mA
O
T =25 C
V
=1.3V
A
O
o
LowRipplePFMMode
V =2.5V
I
V =3V
I
V =3.8V
I
V =4.2V
I
V =5V
I
0.01
0.1
1
10
C1High
4.74V
C1Low
3.08V
C2PK-PK
85mV
=
Ch1 V
Ch2 V
I
O
=
C2Mean
3.2957V
I
=100mA
V =3.6Vto4.7V
V
=3V
PWMMode
O
I
O
TPS65022
SLVS667B – JULY 2006 – REVISED JANUARY 2016
www.ti.com
Figure 11. VDCDC1 Line Transient Response
Figure 10. DCDC3: Efficiency vs Output Current
Figure 12. VDCDC2 Line Transient Response
Figure 13. VDCDC3 Line Transient Response
Figure 14. VDCDC1 Load Transient Response
Figure 15. VDCDC2 Load Transient Response
14
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: TPS65022


Similar Part No. - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65022RHA TI-TPS65022RHA Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAR TI-TPS65022RHAR Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHARG4 TI-TPS65022RHARG4 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAT TI-TPS65022RHAT Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHATG4 TI-TPS65022RHATG4 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com