Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65022 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS65022
Description  Power Management IC for Li-Ion Powered Systems
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65022 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65022_16 Datasheet HTML 9Page - Texas Instruments TPS65022_16 Datasheet HTML 10Page - Texas Instruments TPS65022_16 Datasheet HTML 11Page - Texas Instruments TPS65022_16 Datasheet HTML 12Page - Texas Instruments TPS65022_16 Datasheet HTML 13Page - Texas Instruments TPS65022_16 Datasheet HTML 14Page - Texas Instruments TPS65022_16 Datasheet HTML 15Page - Texas Instruments TPS65022_16 Datasheet HTML 16Page - Texas Instruments TPS65022_16 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
I
-OutputCurrent-mA
O
T =25 C
V
=1.55V
A
O
o
PWM/PFMMode
V =2.5V
I
V =3V
I
V =5V
I
V =4.2V
I
V =3.8V
I
0.01
0.1
1
10
100
1k
I
-OutputCurrent-mA
O
T =25 C
V
=1.55V
A
O
o
PWMMode
V =2.5V
I
V =3V
I
V =5V
I
V =4.2V
I
V =3.8V
I
0.01
0.1
1
10
100
1k
I
-OutputCurrent-mA
O
T =25 C
V
=1.8V
A
O
o
PWM/PFMMode
V =2.5V
I
V =5V
I
0.01
0.1
1
10
100
1k
10k
V =4.2V
I
V =3.8V
I
I
-OutputCurrent-mA
O
T =25 C
V
=1.8V
A
O
o
PWMMode
V =2.5V
I
V =5V
I
V =4.2V
I
V =3.8V
I
0.01
0.1
1
10
100
1k
10k
I
-OutputCurrent-mA
O
T =25 C
V
=3.3V
A
O
o
PWMMode
V =3.8V
I
V =4.2V
I
V =5V
I
0.01
0.1
1
10
100
1k
10k
I
-OutputCurrent-mA
O
T =25 C
V
=3.3V
A
O
o
PFM/PWMMode
V =3.8V
I
V =4.2V
I
V =5V
I
0.01
0.1
1
10
100
1k
10k
TPS65022
www.ti.com
SLVS667B – JULY 2006 – REVISED JANUARY 2016
Figure 4. DCDC1: Efficiency vs Output Current
Figure 5. DCDC1: Efficiency vs Output Current
Figure 6. DCDC2: Efficiency vs Output Current
Figure 7. DCDC2: Efficiency vs Output Current
Figure 8. DCDC3: Efficiency vs Output Current
Figure 9. DCDC3: Efficiency vs Output Current
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS65022


Similar Part No. - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65022RHA TI-TPS65022RHA Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAR TI-TPS65022RHAR Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHARG4 TI-TPS65022RHARG4 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAT TI-TPS65022RHAT Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHATG4 TI-TPS65022RHATG4 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com