Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65022 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS65022
Description  Power Management IC for Li-Ion Powered Systems
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65022 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65022_16 Datasheet HTML 1Page - Texas Instruments TPS65022_16 Datasheet HTML 2Page - Texas Instruments TPS65022_16 Datasheet HTML 3Page - Texas Instruments TPS65022_16 Datasheet HTML 4Page - Texas Instruments TPS65022_16 Datasheet HTML 5Page - Texas Instruments TPS65022_16 Datasheet HTML 6Page - Texas Instruments TPS65022_16 Datasheet HTML 7Page - Texas Instruments TPS65022_16 Datasheet HTML 8Page - Texas Instruments TPS65022_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
System Platform
TPS6502x
DCDC1
DCDC2
DCDC3
LDO1
LDO1
Example SoC
CORE
1.8-V IO
Domain
Memory
3.3-V IO
Domain
Memory
22 µF
22 µF
22 µF
2.2 µH
2.2 µH
2.2 µH
2.2 µF
2.2 µF
2.2 µF
BACKUP
Enables
and
Vout
Select
DCDC1_EN
DCDC2_EN
DCDC3_EN
LDO_EN
DEFDCDC1
DEFDCDC2
DEFDCDC3
+
±
+
±
R1
R2
Monitored
Voltage1
R3
R4
Monitored
Voltage2
RESPWRON
System Reset
PWRFAIL
LOWBATT
RTC AND
VBACKUP
Peripherals
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS65022
SLVS667B – JULY 2006 – REVISED JANUARY 2016
TPS65022 Power Management IC for Li-Ion Powered Systems
All three step-down converters enter a low-power
1 Features
mode at light load for maximum efficiency across the
1
1.2-A, 97% Efficient Step-Down Converter for
widest
possible
range
of
load
currents.
The
System Voltage (VDCDC1)
TPS65022 also integrates two general-purpose 200-
1-A, Up to 95% Efficient Step-Down Converter for
mA LDO voltage regulators, which are enabled with
an external input pin. Each LDO operates with an
Memory Voltage (VDCDC2)
input voltage range between 1.5 V and 6.5 V,
900-mA, 90% Efficient Step-Down Converter for
allowing them to be supplied from one of the step-
Processor Core (VDCDC3)
down converters or directly from the battery.
30-mA LDO and Switch for Real-Time Clock
The default output voltage of the LDOs can be
(VRTC)
digitally set to 4 different voltage combinations using
2 × 200 mA General-Purpose LDO
the DEFLDO1 and DEFLDO2 pins.
Dynamic Voltage Management for Processor Core
The serial interface can be used for dynamic voltage
Preselectable LDO Voltage Using Two Digital
scaling, masking interrupts, or for disabling, enabling,
Input Pins
and setting the LDO output voltages. The interface is
Externally Adjustable Reset Delay Time
compatible
with
the
Fast/Standard
mode
I2C
specification, allowing transfers at up to 400 kHz. The
Battery Backup Functionality
TPS65022 is available in a 40-pin (RHA) VQFN
Separate Enable Pins for Inductive Converters
package, and operates over a free-air temperature of
I2C Compatible Serial Interface
–40°C to 85°C.
85-
μA Quiescent Current
Device Information(1)
Low Ripple PFM Mode
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Thermal Shutdown Protection
TPS65022
VQFN (40)
6.00 mm × 6.00 mm
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the data sheet.
PDA
Simplified Schematic
Cellular and Smart Phones
Internet Audio Players
Digital Still Cameras
Digital Radio Players
Split Supply TMS320™ DSP Family and
μP
Solutions:
OMAP™1610, OMAP1710, OMAP330, XScale
Bulverde, Samsung ARM-Based Processors, and
so forth
Intel® PXA270, and so forth
3 Description
The TPS65022 is an integrated Power Management
IC for applications powered by one Li-Ion or Li-
Polymer cell, and which require multiple power rails.
The TPS65022 provides three highly efficient, step-
down converters targeted at providing the core
voltage, peripheral, I/O and memory rails in a
processor based system.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65022RHA TI-TPS65022RHA Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAR TI-TPS65022RHAR Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHARG4 TI-TPS65022RHARG4 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAT TI-TPS65022RHAT Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHATG4 TI-TPS65022RHATG4 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com