Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65022 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS65022
Description  Power Management IC for Li-Ion Powered Systems
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65022 Datasheet(HTML) 4 Page - Texas Instruments

  TPS65022_16 Datasheet HTML 1Page - Texas Instruments TPS65022_16 Datasheet HTML 2Page - Texas Instruments TPS65022_16 Datasheet HTML 3Page - Texas Instruments TPS65022_16 Datasheet HTML 4Page - Texas Instruments TPS65022_16 Datasheet HTML 5Page - Texas Instruments TPS65022_16 Datasheet HTML 6Page - Texas Instruments TPS65022_16 Datasheet HTML 7Page - Texas Instruments TPS65022_16 Datasheet HTML 8Page - Texas Instruments TPS65022_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
TPS65022
SLVS667B – JULY 2006 – REVISED JANUARY 2016
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
PGND2
34
Power ground for VDCDC2 converter
PGND3
3
Power ground for VDCDC3 converter
PowerPAD™
Connect the power pad to analog ground.
Power supply for digital and analog circuitry of VDCDC1, VDCDC2, and VDCDC3 DC-DC converters.
VCC
37
I
This must be connected to the same voltage supply as VINDCDC3, VINDCDC1, and VINDCDC2. Also
supplies serial interface block
VDCDC1
9
I
VDCDC1 feedback voltage sense input, connect directly to VDCDC1
VDCDC2
33
I
VDCDC2 feedback voltage sense input, connect directly to VDCDC2
VDCDC3
2
I
VDCDC3 feedback voltage sense input, connect directly to VDCDC3
Input voltage for VDCDC1 step-down converter. This must be connected to the same voltage supply as
VINDCDC1
6
I
VINDCDC2, VINDCDC3, and VCC.
Input voltage for VDCDC2 step-down converter. This must be connected to the same voltage supply as
VINDCDC2
36
I
VINDCDC1, VINDCDC3, and VCC.
Input voltage for VDCDC3 step-down converter. This must be connected to the same voltage supply as
VINDCDC3
5
I
VINDCDC1, VINDCDC2, and VCC.
LDO REGULATOR SECTION
DEFLD01
12
I
Digital input, used to set default output voltage of LDO1 and LDO2
DEFLD02
13
I
Digital input, used to set default output voltage of LDO1 and LDO2
LDO_EN
22
I
Enable input for LDO1 and LDO2. Logic high enables the LDOs, logic low disables the LDOs
VBACKUP
15
I
Connect the backup battery to this input pin.
VINLDO
19
I
I Input voltage for LDO1 and LDO2
VLDO1
20
O
Output voltage of LDO1
VLDO2
18
O
Output voltage of LDO2
VRTC
16
O
Output voltage of the LDO/switch for the real time clock
VSYSIN
14
I
Input of system voltage for VRTC switch
CONTROL AND I2C SECTION
HOT_RESET
11
I
Push button input used to reboot or wake-up processor through RESPWRON output pin
INT
28
O
Open-drain output
LOW_BAT
21
O
Open-drain output of LOW_BAT comparator
LOWBAT_SNS
39
I
Input for the comparator driving the LOW_BAT output.
PWRFAIL
31
O
Open-drain output. Active low when PWRFAIL comparator indicates low VBAT condition.
PWRFAIL_SNS
38
I
Input for the comparator driving the PWRFAIL output.
RESPWRON
27
O
Open-drain System reset output
SCLK
30
I
Serial interface clock line
SDAT
29
I/O
Serial interface data/address
TRESPWRON
26
I
Connect the timing capacitor to this pin to set the reset delay time: 1 nF
→ 100 ms
4
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: TPS65022


Similar Part No. - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65022RHA TI-TPS65022RHA Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAR TI-TPS65022RHAR Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHARG4 TI-TPS65022RHARG4 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAT TI-TPS65022RHAT Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHATG4 TI-TPS65022RHATG4 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com