Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65022 Datasheet(PDF) 36 Page - Texas Instruments

Part # TPS65022
Description  Power Management IC for Li-Ion Powered Systems
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65022 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS65022_16 Datasheet HTML 32Page - Texas Instruments TPS65022_16 Datasheet HTML 33Page - Texas Instruments TPS65022_16 Datasheet HTML 34Page - Texas Instruments TPS65022_16 Datasheet HTML 35Page - Texas Instruments TPS65022_16 Datasheet HTML 36Page - Texas Instruments TPS65022_16 Datasheet HTML 37Page - Texas Instruments TPS65022_16 Datasheet HTML 38Page - Texas Instruments TPS65022_16 Datasheet HTML 39Page - Texas Instruments TPS65022_16 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
t
=2
(reset)
x128x
(1V-0.25V)xC(reset)
2 A
m
()
VOUT
DEFDCDCx
=V
x
R1+R2
R2
R1=R2x
VOUT
VDEFDCDCx
-R2
()
VDCDC3
DCDC3_EN
DEFDCDC3
AGND
PGND
L3
R1
R2
VO
L
CO
VCC
VINDCDC3
CI
1 F
m
10R
V(bat)
TPS65022
SLVS667B – JULY 2006 – REVISED JANUARY 2016
www.ti.com
Using an external resistor divider at DEFDCDCx:
Figure 36. External Resistor Divider
When a resistor divider is connected to DEFDCDCx, the output voltage can be set from 0.6 V up to the input
voltage V(bat). The total resistance (R1 + R2) of the voltage divider should be kept in the 1-MR range in order to
maintain a high efficiency at light load.
V(DEFDCDCx) = 0.6 V
(8)
8.2.2.5 VRTC Output
The VRTC output is typically connected to the Vcc_Batt pin of a Intel® PXA270 processor. During power-up of
the processor, the TPS65022 internally switches from the LDO or the backup battery to the system voltage
connected at the VSYSIN pin (see Figure 28).It is required that a 4.7-
μF (minimum) capacitor be added to the
VRTC pin even if the output is not used.
8.2.2.6 LDO1 and LDO2
The LDOs in the TPS65022 are general-purpose LDOs which are stable using ceramics capacitors. The
minimum output capacitor required is 2.2
μF. The LDOs output voltage can be changed to different voltages
between 1 V and 3.3 V using the I2C interface. Therefore, they can also be used as general-purpose LDOs in
applications powering processors different from PXA270. The supply voltage for the LDOs must connect to the
VINLDO pin, giving the flexibility to connect the lowest voltage available in the system and provides the highest
efficiency.
8.2.2.7 TRESPWRON
This is the input to a capacitor that defines the reset delay time after the voltage at VRTC rises above 2.52 V.
The timing is generated by charging and discharging the capacitor with a current of 2
μA between a threshold of
0.25 V and 1 V for 128 cycles. A 1-nF capacitor gives a delay time of 100 ms.
While there is no real upper and lower limit for the capacitor connected to TRESPWRON, do not leave signal
pins open.
where
t(reset) is the reset delay time
C(reset) is the capacitor connected to the TRESPWRON pin
(9)
The minimum and maximum values for the timing parameters called ICONST (2 µA), TRESPWRON_UPTH (1 V)
and TRESPWRON_LOWTH (0.25 V) can be found under the electrical characteristics.
36
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: TPS65022


Similar Part No. - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65022RHA TI-TPS65022RHA Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAR TI-TPS65022RHAR Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHARG4 TI-TPS65022RHARG4 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAT TI-TPS65022RHAT Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHATG4 TI-TPS65022RHATG4 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com