Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65022 Datasheet(PDF) 33 Page - Texas Instruments

Part # TPS65022
Description  Power Management IC for Li-Ion Powered Systems
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65022 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS65022_16 Datasheet HTML 29Page - Texas Instruments TPS65022_16 Datasheet HTML 30Page - Texas Instruments TPS65022_16 Datasheet HTML 31Page - Texas Instruments TPS65022_16 Datasheet HTML 32Page - Texas Instruments TPS65022_16 Datasheet HTML 33Page - Texas Instruments TPS65022_16 Datasheet HTML 34Page - Texas Instruments TPS65022_16 Datasheet HTML 35Page - Texas Instruments TPS65022_16 Datasheet HTML 36Page - Texas Instruments TPS65022_16 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
Vcc_CORE
Vcc_Batt
Vcc_IO
Vcc_LCD
Vcc_MEM
Vcc_BB
Vcc_USIM
Vcc_SRAM
Vcc_PLL
SYS_EN
PWR_EN
3V
3V;3.3V
1.8V;2.5V;3V;3.3V
1.8V;2.5V;3V;3.3V
1.8V;2.5V;3V;3.3V
1.8V;3V
1.3V
1.1V
variable0.85Vto1.4V
LDO1
L3
L1
VRTC
DCDC2_EN
LDO_EN
LDO2
nBatt_Fault
nRESET
nVcc_Fault
TPS65021
L2
INT
RESPWRON
DCDC3_EN
PWRFAIL
DCDC1_EN
DEFDCDC3
DEFDCDC2
DEFDCDC1
Vcc
SCLK
SDAT
Vcc_Batt
4.7
kW
4.7
kW
LOWBAT_SNS
PWRFAIL_SNS
Vcc
VBACKUP
3V
backup
battery
Vcc
VINDCDC1
VINDCDC2
VINDCDC3
Vcc
10R
1 F
m
10 F
m
10 F
m
10 F
m
TRESPWRON
HOT_RESET
VSYSIN
DEFLDO2
DEFLDO1
VDCDC1
GND
GND
SCLK
SDAT
VIN_LDO
LOW_BATT
VDCDC1
VDCDC2
VDCDC3
2.2 H
m
2.2 H
m
2.2 H
m
22 F
m
22 F
m
22 F
m
2.2 F
m
2.2 F
m
1nF
4.7 F
m
Vcc
1MR
Vcc_Batt
Vcc_IO
GPIOx
TPS65022
www.ti.com
SLVS667B – JULY 2006 – REVISED JANUARY 2016
8.2 Typical Application
Figure 35. Typical Configuration for the Intel® PXA270 Bulverde Processor
8.2.1 Design Requirements
The TPS65022 device has only a few design requirements. Use the following parameters for the design
example:
1-
μF bypass capacitor on VCC, located as close as possible to the VCC pin to ground
VCC, VINDCDC1, VINDCDC2, and VINDCDC3 must be connected to the same voltage supply with minimal
voltage difference
Input capacitors must be present on the VINDCDC1, VINDCDC2, VINDCDC3, and VIN_LDO supplies if used
Output inductor and capacitors must be used on the outputs of the DCDC converters if used
Output capacitors must be used on the outputs of the LDOs if used
8.2.2 Detailed Design Procedure
8.2.2.1 Inductor Selection for the DC-DC Converters
Each of the converters in the TPS65022 typically use a 3.3
μH output inductor. Larger or smaller inductor values
are used to optimize the performance of the device for specific operation conditions. The selected inductor has to
be rated for its DC resistance and saturation current. The DC resistance of the inductance influences directly the
efficiency of the converter. Therefore, an inductor with lowest DC resistance should be selected for highest
efficiency.
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TPS65022


Similar Part No. - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65022RHA TI-TPS65022RHA Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAR TI-TPS65022RHAR Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHARG4 TI-TPS65022RHARG4 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAT TI-TPS65022RHAT Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHATG4 TI-TPS65022RHATG4 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com