Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65022 Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS65022
Description  Power Management IC for Li-Ion Powered Systems
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65022 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS65022_16 Datasheet HTML 26Page - Texas Instruments TPS65022_16 Datasheet HTML 27Page - Texas Instruments TPS65022_16 Datasheet HTML 28Page - Texas Instruments TPS65022_16 Datasheet HTML 29Page - Texas Instruments TPS65022_16 Datasheet HTML 30Page - Texas Instruments TPS65022_16 Datasheet HTML 31Page - Texas Instruments TPS65022_16 Datasheet HTML 32Page - Texas Instruments TPS65022_16 Datasheet HTML 33Page - Texas Instruments TPS65022_16 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
TPS65022
SLVS667B – JULY 2006 – REVISED JANUARY 2016
www.ti.com
Table 12. DCDC3 DVS Voltages
CORE4
CORE3
CORE2
CORE1
CORE0
VDCDC3
CORE4
CORE3
CORE2
CORE1
CORE0
VDCDC3
0
0
0
0
0
0.8 V
1
0
0
0
0
1.2 V
0
0
0
0
1
0.825 V
1
0
0
0
1
1.225 V
0
0
0
1
0
0.85 V
1
0
0
1
0
1.25 V
0
0
0
1
1
0.875 V
1
0
0
1
1
1.275 V
0
0
1
0
0
0.9 V
1
0
1
0
0
1.3 V
0
0
1
0
1
0.925 V
1
0
1
0
1
1.325 V
0
0
1
1
0
0.95 V
1
0
1
1
0
1.35 V
0
0
1
1
1
0.975 V
1
0
1
1
1
1.375 V
0
1
0
0
0
1 V
1
1
0
0
0
1.4 V
0
1
0
0
1
1.025 V
1
1
0
0
1
1.425 V
0
1
0
1
0
1.05 V
1
1
0
1
0
1.45 V
0
1
0
1
1
1.075 V
1
1
0
1
1
1.475 V
0
1
1
0
0
1.1 V
1
1
1
0
0
1.5 V
0
1
1
0
1
1.125 V
1
1
1
0
1
1.525 V
0
1
1
1
0
1.15 V
1
1
1
1
0
1.55 V
0
1
1
1
1
1.175 V
1
1
1
1
1
1.6 V
7.6.8 DEFSLEW Register Address: 07h (read/write) Default Value: 06h
Table 13. DEFSLEW Register
DEFSLEW
B7
B6
B5
B4
B3
B2
B1
B0
Bit name and function
SLEW2
SLEW1
SLEW0
Default
1
1
0
Default value loaded by:
UVLO
UVLO
UVLO
Read/Write
R/W
R/W
R/W
Table 14. DCDC3 DVS Slew Rate
SLEW2
SLEW1
SLEW0
VDCDC3 SLEW RATE
0
0
0
0.15 mV/
μs
0
0
1
0.3 mV/
μs
0
1
0
0.6 mV/
μs
0
1
1
1.2 mV/
μs
1
0
0
2.4 mV/
μs
1
0
1
4.8 mV/
μs
1
1
0
9.6 mV/
μs
1
1
1
Immediate
7.6.9 LDO_CTRL Register Address: 08h (read/write) Default Value: set with DEFLDO1 and DEFLDO2
Table 15. LDO_CTRL Register
LDO_CTRL
B7
B6
B5
B4
B3
B2
B1
B0
Bit name and function
LDO2_2
LDO2_1
LDO2_0
LDO1_2
LDO1_1
LDO1_0
Default
DEFLDOx
DEFLDOx
DEFLDOx
DEFLDOx
DEFLDOx
DEFLDOx
Default value loaded by:
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
30
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: TPS65022


Similar Part No. - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65022RHA TI-TPS65022RHA Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAR TI-TPS65022RHAR Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHARG4 TI-TPS65022RHARG4 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAT TI-TPS65022RHAT Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHATG4 TI-TPS65022RHATG4 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com