Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65022 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS65022
Description  Power Management IC for Li-Ion Powered Systems
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65022 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65022_16 Datasheet HTML 1Page - Texas Instruments TPS65022_16 Datasheet HTML 2Page - Texas Instruments TPS65022_16 Datasheet HTML 3Page - Texas Instruments TPS65022_16 Datasheet HTML 4Page - Texas Instruments TPS65022_16 Datasheet HTML 5Page - Texas Instruments TPS65022_16 Datasheet HTML 6Page - Texas Instruments TPS65022_16 Datasheet HTML 7Page - Texas Instruments TPS65022_16 Datasheet HTML 8Page - Texas Instruments TPS65022_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
11 12 13 14 15 16 17 18 19 20
40 39 38 37 36 35 34 33 32 31
DEFDCDC3
VDCDC3
PGND3
L3
VINDCDC3
VINDCDC1
L1
PGND1
VDCDC1
DEFDCDC1
SCLK
SDAT
INT
RESPWRON
TRESPWRON
DCDC1_EN
DCDC2_EN
DCDC3_EN
LDO_EN
LOWBAT
TPS65022
www.ti.com
SLVS667B – JULY 2006 – REVISED JANUARY 2016
5 Pin Configuration and Functions
RHA Package
40-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
SWITCHING REGULATOR SECTION
AGND1
40
Analog ground connection. All analog ground pins are connected internally on the chip.
AGND2
17
Analog ground connection. All analog ground pins are connected internally on the chip.
DCDC1_EN
25
I
VDCDC1 enable pin. A logic high enables the regulator, a logic low disables the regulator.
DCDC2_EN
24
I
VDCDC2 enable pin. A logic high enables the regulator, a logic low disables the regulator.
DCDC3_EN
23
I
VDCDC3 enable pin. A logic high enables the regulator, a logic low disables the regulator.
Input signal indicating default VDCDC1 voltage, 0 = 3 V, 1 = 3.3 V. This pin can also be connected to a
DEFDCDC1
10
I
resistor divider between VDCDC1 and GND. If the output voltage of the DCDC1 converter is set in a
range from 0.6 V to VINDCDC1 V.
Input signal indicating default VDCDC2 voltage, 0 = 1.8 V, 1 = 2.5 V. This pin can also be connected to
DEFDCDC2
32
I
a resistor divider between VDCDC2 and GND. If the output voltage of the DCDC2 converter is set in a
range from 0.6 V to VINDCDC2 V.
Input signal indicating default VDCDC3 voltage, 0 = 1.3 V, 1 = 1.55 V. This pin can also be connected to
DEFDCDC3
1
I
a resistor divider between VDCDC3 and GND. If the output voltage of the DCDC3 converter is set in a
range from 0.6 V to VINDCDC3 V.
L1
7
Switch pin of VDCDC1 converter. The VDCDC1 inductor is connected here.
L2
35
Switch pin of VDCDC2 converter. The VDCDC2 inductor is connected here.
L3
4
Switch pin of VDCDC3 converter. The VDCDC3 inductor is connected here.
PGND1
8
Power ground for VDCDC1 converter
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65022


Similar Part No. - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65022RHA TI-TPS65022RHA Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAR TI-TPS65022RHAR Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHARG4 TI-TPS65022RHARG4 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAT TI-TPS65022RHAT Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHATG4 TI-TPS65022RHATG4 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com