Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65022 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS65022
Description  Power Management IC for Li-Ion Powered Systems
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65022 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS65022_16 Datasheet HTML 22Page - Texas Instruments TPS65022_16 Datasheet HTML 23Page - Texas Instruments TPS65022_16 Datasheet HTML 24Page - Texas Instruments TPS65022_16 Datasheet HTML 25Page - Texas Instruments TPS65022_16 Datasheet HTML 26Page - Texas Instruments TPS65022_16 Datasheet HTML 27Page - Texas Instruments TPS65022_16 Datasheet HTML 28Page - Texas Instruments TPS65022_16 Datasheet HTML 29Page - Texas Instruments TPS65022_16 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
TPS65022
SLVS667B – JULY 2006 – REVISED JANUARY 2016
www.ti.com
7.6 Register Maps
7.6.1 VERSION Register Address: 00h (read only)
Table 4. VERSION Register
VERSION
B7
B6
B5
B4
B3
B2
B1
B0
Bit name and
0
0
1
0
0
0
1
0
function
Read/Write
R
R
R
R
R
R
R
R
7.6.2 PGOODZ Register Address: 01h (read only)
Table 5. PGOODZ Register
PGOODZ
B7
B6
B5
B4
B3
B2
B1
B0
Bit name and
PGOODZ
PGOODZ
PGOODZ
PGOODZ
PGOODZ
PWRFAILZ
LOWBATTZ
function
VDCDC1
VDCDC2
VDCDC3
LDO2
LDO1
PGOODZ
PGOODZ
PGOODZ
PGOODZ
PGOODZ
Set by signal
PWRFAIL
LOWBATT
VDCDC1
VDCDC2
VDCDC3
LDO2
LDO1
Default value
PGOOD
PGOOD
PGOOD
PGOOD
PGOOD
PWRFAILZ
LOWBATTZ
loaded by:
VDCDC1
VDCDC2
VDCDC3
LDO2
LDO1
Read/Write
R
R
R
R
R
R
R
R
Bit 7
PWRFAILZ:
0 =
indicates that the PWRFAIL_SNS input voltage is above the 1-V threshold
1 =
indicates that the PWRFAIL_SNS input voltage is below the 1-V threshold
Bit 6
LOWBATTZ:
0 =
indicates that the LOWBATT_SNS input voltage is above the 1-V threshold
1 =
indicates that the LOWBATT_SNS input voltage is below the 1-V threshold
Bit 5
PGOODZ VDCDC1:
0 =
indicates that the VDCDC1 converter output voltage is within its nominal range. This bit is zero if
the VDCDC1 converter is disabled.
1 =
indicates that the VDCDC1 converter output voltage is below its target regulation voltage
Bit 4
PGOODZ VDCDC2:
0 =
indicates that the VDCDC2 converter output voltage is within its nominal range. This bit is zero if
the VDCDC2 converter is disabled.
1 =
indicates that the VDCDC2 converter output voltage is below its target regulation voltage
Bit 3
PGOODZ VDCDC3: .
0 =
indicates that the VDCDC3 converter output voltage is within its nominal range. This bit is zero if
the VDCDC3 converter is disabled and during a DVM controlled output voltage transition.
1 =
indicates that the VDCDC3 converter output voltage is below its target regulation voltage
Bit 2
PGOODZ LDO2:
0 =
indicates that the LDO2 output voltage is within its nominal range. This bit is zero if LDO2 is
disabled.
1 =
indicates that LDO2 output voltage is below its target regulation voltage
Bit 1
PGOODZ LDO1
0 =
indicates that the LDO1 output voltage is within its nominal range. This bit is zero if LDO1 is
disabled.
1 =
indicates that the LDO1 output voltage is below its target regulation voltage
26
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: TPS65022


Similar Part No. - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65022RHA TI-TPS65022RHA Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAR TI-TPS65022RHAR Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHARG4 TI-TPS65022RHARG4 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAT TI-TPS65022RHAT Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHATG4 TI-TPS65022RHATG4 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com