Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65022 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS65022
Description  Power Management IC for Li-Ion Powered Systems
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65022 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS65022_16 Datasheet HTML 18Page - Texas Instruments TPS65022_16 Datasheet HTML 19Page - Texas Instruments TPS65022_16 Datasheet HTML 20Page - Texas Instruments TPS65022_16 Datasheet HTML 21Page - Texas Instruments TPS65022_16 Datasheet HTML 22Page - Texas Instruments TPS65022_16 Datasheet HTML 23Page - Texas Instruments TPS65022_16 Datasheet HTML 24Page - Texas Instruments TPS65022_16 Datasheet HTML 25Page - Texas Instruments TPS65022_16 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
TPS65022
SLVS667B – JULY 2006 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
7.3.9 Low Dropout Voltage Regulators
The low dropout voltage regulators are designed to operate well with low value ceramic input and output
capacitors, with input voltages down to 1.5 V. The LDOs offer a maximum dropout voltage of 300 mV at rated
output current. Each LDO supports a current limit feature. Both LDOs are enabled by the LDO_EN pin, both
LDOs can be disabled or programmed through the serial interface using the REG_CTRL and LDO_CTRL
registers. The LDOs also have reverse conduction prevention. This allows the possibility to connect external
regulators in parallel in systems with a backup battery. The TPS65022 step-down and LDO voltage regulators
automatically power down when the VCC voltage drops below the UVLO threshold or when the junction
temperature rises above 160°C.
7.3.10 Undervoltage Lockout
The undervoltage lockout circuit for the five regulators on the TPS65022 prevents the device from malfunctioning
at low-input voltages and from excessive discharge of the battery. It disables the converters and LDOs. The
UVLO circuit monitors the VCC pin, the threshold is set internally to 2.35 V with 5% (120 mV) hysteresis. Note
that when any of the DC-DC converters are running, there is an input current at the VCC pin, which is up to 3 mA
when all three converters are running in PWM mode. This current must be taken into consideration if an external
RC filter is used at the VCC pin to remove switching noise from the TPS65022 internal analog circuitry supply.
7.3.11 Power-Up Sequencing
The TPS65022 power-up sequencing is designed to be entirely flexible and customer driven. This is achieved by
providing separate enable pins for each switch-mode converter, and a common enable signal for the LDOs. The
relevant control pins are described in Table 2.
Table 2. Control Pins and Status Outputs for DC-DC Converters
INPUT
PIN NAME
FUNCTION
OUTPUT
Defines the default voltage of the VDCDC3 switching converter. DEFDCDC3 = 0 defaults VDCDC3 to 1.3 V,
DEFDCDC3
I
DEFDCDC3 = VCC defaults VDCDC3 to 1.55 V.
Defines the default voltage of the VDCDC2 switching converter. DEFDCDC2 = 0 defaults VDCDC2 to 1.8 V,
DEFDCDC2
I
DEFDCDC2 = VCC defaults VDCDC2 to 2.5 V.
Defines the default voltage of the VDCDC1 switching converter. DEFDCDC1 = 0 defaults VDCDC1 to 3 V,
DEFDCDC1
I
DEFDCDC1 = VCC defaults VDCDC1 to 3.3 V.
DCDC3_EN
I
Set DCDC3_EN = 0 to disable and DCDC3_EN = 1 to enable the VDCDC3 converter
DCDC2_EN
I
Set DCDC2_EN = 0 to disable and DCDC2_EN = 1 to enable the VDCDC2 converter
DCDC1_EN
I
Set DCDC1_EN = 0 to disable and DCDC1_EN = 1 to enable the VDCDC1 converter
The HOT_RESET pin generates a reset (RESPWRON) for the processor.HOT_RESET does not alter any
TPS65022 settings except the output voltage of VDCDC3. Activating HOT_RESET sets the voltage of
HOT_RESET
I
VDCDC3 to its default value defined with the DEFDCDC3 pin. HOT_RESET is internally de-bounced by the
TPS65022.
RESPWRON is held low when power is initially applied to the TPS65022. The VRTC voltage is monitored:
RESPWRON
O
RESWPRON is low when VRTC < 2.4 V and remains low for a time defined by the external capacitor at the
TRESPWRON pin. RESPWRON can also be forced low by activation of the HOT_RESET pin.
TRESPWRON
I
Connect a capacitor here to define the RESET time at the RESPWRON pin. 1 nF typically gives 100 ms.
7.3.12 System Reset + Control Signals
The RESPWRON signal can be used as a global reset for the application. It is an open-drain output. The
RESPWRON signal is generated according to the power good comparator of VRTC, and remains low for tnrespwron
seconds after VRTC has risen above 2.52 V (falling threshold is 2.4 V, 5% hysteresis). tnrespwron is set by an
external capacitor at the TRESPWRON pin. 1 nF gives typically 100 ms. RESPWRON is also triggered by the
HOT_RESET input. This input is internally debounced, with a filter time of typically 30 ms.
The PWRFAIL and LOW_BAT signals are generated by two voltage detectors using the PWRFAIL_SNS and
LOWBAT_SNS input signals. Each input signal is compared to a 1 V threshold (falling edge) with 5% (50 mV)
hysteresis.
22
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: TPS65022


Similar Part No. - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65022RHA TI-TPS65022RHA Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAR TI-TPS65022RHAR Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHARG4 TI-TPS65022RHARG4 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAT TI-TPS65022RHAT Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHATG4 TI-TPS65022RHATG4 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com