Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65022 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS65022
Description  Power Management IC for Li-Ion Powered Systems
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65022 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65022_16 Datasheet HTML 17Page - Texas Instruments TPS65022_16 Datasheet HTML 18Page - Texas Instruments TPS65022_16 Datasheet HTML 19Page - Texas Instruments TPS65022_16 Datasheet HTML 20Page - Texas Instruments TPS65022_16 Datasheet HTML 21Page - Texas Instruments TPS65022_16 Datasheet HTML 22Page - Texas Instruments TPS65022_16 Datasheet HTML 23Page - Texas Instruments TPS65022_16 Datasheet HTML 24Page - Texas Instruments TPS65022_16 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
TPS65022
www.ti.com
SLVS667B – JULY 2006 – REVISED JANUARY 2016
Feature Description (continued)
These control methods reduce the quiescent current to typically 14
μA per converter, and the switching activity to
a minimum, thus achieving the highest converter efficiency. Setting the comparator thresholds at the nominal
output voltage at light load current results in a low output voltage ripple. The ripple depends on the comparator
delay and the size of the output capacitor. Increasing capacitor values makes the output ripple tend to zero. The
PSM is disabled through the I2C interface to force the individual converters to stay in fixed frequency PWM
mode.
7.3.4 Low Ripple Mode
Setting Bit 3 in register CON-CTRL to 1 enables the low ripple mode for all of the DC-DC converters if operated
in PFM mode. For an output current less than approximately 10 mA, the output voltage ripple in PFM mode is
reduced, depending on the actual load current. The lower the actual output current on the converter, the lower
the output ripple voltage. For an output current above 10 mA, there is only a minor difference in output voltage
ripple between PFM mode and low ripple PFM mode. As this feature also increases switching frequency, it is
used to keep the switching frequency above the audible range in PFM mode down to a low output current.
7.3.5 Soft-Start
Each of the three converters has an internal soft-start circuit that limits the inrush current during start-up. The soft
start is realized by using a very low current to initially charge the internal compensation capacitor. The soft start
time is typically 750
μs if the output voltage ramps from 5% to 95% of the final target value. If the output is
already pre-charged to some voltage when the converter is enabled, then this time is reduced proportionally.
There is a short delay of typically 170
μs between the converter being enabled and switching activity actually
starting. This is to allow the converter to bias itself properly, to recognize if the output is pre-charged, and if so to
prevent discharging of the output while the internal soft start ramp catches up with the output voltage.
7.3.6 100% Duty Cycle Low Dropout Operation
The TPS65022 converters offer a low input to output voltage difference while still maintaining operation with the
use of the 100% duty cycle mode. In this mode the P-channel switch is constantly turned on. This is particularly
useful in battery-powered applications to achieve longest operation time by taking full advantage of the whole
battery voltage range. The minimum input voltage required to maintain DC regulation depends on the load
current and output voltage. It is calculated as:
VIN(min) = VOUT(min) + IOUT(max) × (rDS(on)max + RL)
where
IOUT(max) = maximum load current (Note: ripple current in the inductor is zero under these conditions)
rDS(on)max = maximum P-channel switch rDS(on)
RL = DC resistance of the inductor
VOUT(min) = nominal output voltage minus 2% tolerance limit
(3)
7.3.7 Active Discharge When Disabled
When the VDCDC1, VDCDC2, and VDCDC3 converters are disabled, due to an UVLO, DCDC_EN or
OVERTEMP condition, it is possible to actively pull down the outputs. This feature is disabled per default and is
individually enabled through the CON_CTRL2 register in the serial interface. When this feature is enabled, the
VDCDC1, VDCDC2, and VDCDC3 outputs are discharged by a 300
Ω (typical) load which is active as long as
the converters are disabled.
7.3.8 Power Good Monitoring
All three step-down converters and both the LDO1 and LDO2 linear regulators have power good comparators.
Each comparator indicates when the relevant output voltage has dropped 10% below its target value with 5%
hysteresis. The outputs of these comparators are available in the PGOODZ register through the serial interface.
An interrupt is generated when any voltage rail drops below the 10% threshold. The comparators are disabled
when the converters are disabled and the relevant PGOODZ register bits indicate that power is good.
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS65022


Similar Part No. - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65022RHA TI-TPS65022RHA Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAR TI-TPS65022RHAR Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHARG4 TI-TPS65022RHARG4 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAT TI-TPS65022RHAT Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHATG4 TI-TPS65022RHATG4 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com