Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65022 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS65022
Description  Power Management IC for Li-Ion Powered Systems
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65022 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS65022_16 Datasheet HTML 15Page - Texas Instruments TPS65022_16 Datasheet HTML 16Page - Texas Instruments TPS65022_16 Datasheet HTML 17Page - Texas Instruments TPS65022_16 Datasheet HTML 18Page - Texas Instruments TPS65022_16 Datasheet HTML 19Page - Texas Instruments TPS65022_16 Datasheet HTML 20Page - Texas Instruments TPS65022_16 Datasheet HTML 21Page - Texas Instruments TPS65022_16 Datasheet HTML 22Page - Texas Instruments TPS65022_16 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
RESPWRON
VRTC
LDO
VCC
VRTC
Vref
Vref
Vref
priority
#3
priority
#2
priority
#1
EN
V_VSYSIN
V_VBACKUP
VBACKUP
V_VBACKUP
VSYSIN
V_VSYSIN
TPS65022
www.ti.com
SLVS667B – JULY 2006 – REVISED JANUARY 2016
Feature Description (continued)
V_VSYSIN, V_VBACKUP thresholds: falling = 2.55 V, rising = 2.65 V ±3%
RESPWRON thresholds: falling = 2.4 V, rising = 2.52 V ±3%
Figure 28. RTC and nRESPWRON
7.3.2 Step-Down Converters, VDCDC1, VDCDC2, and VDCDC3
The TPS65022 incorporates three synchronous step-down converters operating typically at 1.5-MHz fixed
frequency pulse width modulation (PWM) at moderate to heavy load currents. At light load currents, the
converters automatically enter the power save mode (PSM), and operate with pulse frequency modulation (PFM).
The VDCDC1 converter is capable of delivering 1.2-A output current, the VDCDC2 converter is capable of
delivering 1 A and the VDCDC3 converter is capable of delivering up to 900 mA.
The converter output voltages can be programmed by the DEFDCDC1, DEFDCDC2 and DEFDCDC3 pins. The
pins can either be connected to GND, VCC, or to a resistor divider between the output voltage and GND. The
VDCDC1 converter defaults to 3 V or 3.3 V depending on the DEFDCDC1 configuration pin. If DEFDCDC1 is
tied to ground, the default is 3 V. If it is tied to VCC, the default is 3.3 V. When the DEFDCDC1 pin is connected
to a resistor divider, the output voltage can be set in the range of 0.6 V to VINDCDC1 V. See the application
information section for more details.
The VDCDC2 converter defaults to 1.8 V or 2.5 V depending on the DEFDCDC2 configuration pin. If DEFDCDC2
is tied to ground, the default is 1.8 V. If it is tied to VCC, the default is 2.5 V. When the DEFDCDC2 pin is
connected to a resistor divider, the output voltage can be set in the range of 0.6 V to VINDCDC2 V.
The VDCDC3 converter defaults to 1.3 V or 1.55 V depending on the DEFDCDC3 configuration pin. If
DEFDCDC3 is tied to ground the default is 1.3 V. If it is tied to VCC, the default is 1.55 V. When the DEFDCDC3
pin is connected to a resistor divider, the output voltage can be set in the range of 0.6 V to VINDCDC3 V. The
core voltage can be reprogrammed through the serial interface in the range of 0.8 V to 1.6 V with a
programmable slew rate. The converter is forced into PWM operation whilst any programmed voltage change is
underway, whether the voltage is being increased or decreased. The DEFCORE and DEFSLEW registers are
used to program the output voltage and slew rate during voltage transitions.
The step-down converter outputs (when enabled) are monitored by power good (PG) comparators, the outputs of
which are available through the serial interface. The outputs of the DC-DC converters can be optionally
discharged through on-chip 300-
Ω resistors when the DC-DC converters are disabled.
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TPS65022


Similar Part No. - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65022RHA TI-TPS65022RHA Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAR TI-TPS65022RHAR Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHARG4 TI-TPS65022RHARG4 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHAT TI-TPS65022RHAT Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022RHATG4 TI-TPS65022RHATG4 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65022_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com