Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020RHAR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65020RHAR
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020RHAR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS65020RHAR Datasheet HTML 11Page - Texas Instruments TPS65020RHAR Datasheet HTML 12Page - Texas Instruments TPS65020RHAR Datasheet HTML 13Page - Texas Instruments TPS65020RHAR Datasheet HTML 14Page - Texas Instruments TPS65020RHAR Datasheet HTML 15Page - Texas Instruments TPS65020RHAR Datasheet HTML 16Page - Texas Instruments TPS65020RHAR Datasheet HTML 17Page - Texas Instruments TPS65020RHAR Datasheet HTML 18Page - Texas Instruments TPS65020RHAR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
I
-OutputCurrent-mA
O
T =25 C
V
=1.8V
A
O
o
PWM/PFMMode
V =2.5V
I
V =5V
I
0.01
0.1
1
10
100
1k
10k
V =4.2V
I
V =3.8V
I
I
-OutputCurrent-mA
O
T =25 C
V
=1.8V
A
O
o
PWMMode
V =2.5V
I
V =5V
I
V =4.2V
I
V =3.8V
I
0.01
0.1
1
10
100
1k
10k
I
-OutputCurrent-mA
O
T =25 C
V
=3.3V
A
O
o
PWMMode
V =3.8V
I
V =4.2V
I
V =5V
I
0.01
0.1
1
10
100
1k
10k
I
-OutputCurrent-mA
O
T =25 C
V
=3.3V
A
O
o
PFM/PWMMode
V =3.8V
I
V =4.2V
I
V =5V
I
0.01
0.1
1
10
100
1k
10k
TPS65020
www.ti.com
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
7.12 Typical Characteristics
Table 1. Table of Graphs
FIGURE
η
Efficiency vs Output current
Figure 6, Figure 7, Figure 8, Figure 9, Figure 10, Figure 11, Figure 12
Line transient response
Figure 13, Figure 14, Figure 15
Load transient response
Figure 16, Figure 17, Figure 18
VDCDC2 PFM operation
Figure 19
VDCDC2 low ripple PFM operation
Figure 20
VDCDC2 PWM operation
Figure 21
Startup VDCDC1, VDCDC2 and
Figure 22
VDCDC3
Startup LDO1 and LDO2
Figure 23
Line transient response
Figure 24, Figure 25, Figure 26
Load transient response
Figure 27, Figure 28, Figure 29
Figure 6. DCDC1: Efficiency vs Output Current
Figure 7. DCDC1: Efficiency vs Output Current
Figure 8. DCDC2: Efficiency vs Output Current
Figure 9. DCDC2: Efficiency vs Output Current
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPS65020


Similar Part No. - TPS65020RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020RHAR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com