Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020RHAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65020RHAR
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020RHAR Datasheet(HTML) 5 Page - Texas Instruments

  TPS65020RHAR Datasheet HTML 1Page - Texas Instruments TPS65020RHAR Datasheet HTML 2Page - Texas Instruments TPS65020RHAR Datasheet HTML 3Page - Texas Instruments TPS65020RHAR Datasheet HTML 4Page - Texas Instruments TPS65020RHAR Datasheet HTML 5Page - Texas Instruments TPS65020RHAR Datasheet HTML 6Page - Texas Instruments TPS65020RHAR Datasheet HTML 7Page - Texas Instruments TPS65020RHAR Datasheet HTML 8Page - Texas Instruments TPS65020RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
TPS65020
www.ti.com
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
PGND2
34
Power ground for VDCDC2 converter
PGND3
3
Power ground for VDCDC3 converter
PowerPAD™
Connect the power pad to analog ground
Power supply for digital and analog circuitry of VDCDC1, VDCDC2, and VDCDC3 DC-DC converters.
VCC
37
I
This must be connected to the same voltage supply as VINDCDC3, VINDCDC1, and VINDCDC2.
Also supplies serial interface block
VDCDC1
9
I
VDCDC1 feedback voltage sense input, connect directly to VDCDC1
VDCDC2
33
I
VDCDC2 feedback voltage sense input, connect directly to VDCDC2
VDCDC3
2
I
VDCDC3 feedback voltage sense input, connect directly to VDCDC3
Input voltage for VDCDC1 step-down converter. This must be connected to the same voltage supply
VINDCDC1
6
I
as VINDCDC2, VINDCDC3, and VCC.
Input voltage for VDCDC2 step-down converter. This must be connected to the same voltage supply
VINDCDC2
36
I
as VINDCDC1, VINDCDC3, and VCC.
Input voltage for VDCDC3 step-down converter. This must be connected to the same voltage supply
VINDCDC3
5
I
as VINDCDC1, VINDCDC2, and VCC.
LDO REGULATOR SECTION
LDO_EN
22
I
Enable input for LDO1 and LDO2. Logic high enables the LDOs, logic low disables the LDOs
VBACKUP
15
I
Connect the backup battery to this input pin.
VINLDO
19
I
I Input voltage for LDO1 and LDO2
VLDO1
20
O
Output voltage of LDO1
VLDO2
18
O
Output voltage of LDO2
VRTC
16
O
Output voltage of the LDO and switch for the real time clock
VSYSIN
14
I
Input of system voltage for VRTC switch
CONTROL AND I2C SECTION
HOT_RESET
11
I
Push button input used to reboot or wake-up processor through the RESPWRON output pin
INT
28
O
Open-drain output
LOW_BAT
21
O
Open-drain output of LOW_BAT comparator
LOWBAT_SNS
39
I
Input for the comparator driving the LOW_BAT output
PB_IN
12
I/O
Push button input debounced and output fed to latch at PB_OUT
PB_OUT
13
I/O
Open-drain output of latch driven by PB_IN. Low after power up.
PWRFAIL
31
O
Open-drain output. Active-low when PWRFAIL comparator indicates low VBAT condition.
PWRFAIL_SNS
38
I
Input for the comparator driving the PWRFAIL output
RESPWRON
27
O
Open-drain System reset output
SCLK
30
I
Serial interface clock line
SDAT
29
I/O
Serial interface data and address
TRESPWRON
26
I
Connect the timing capacitor to this pin to set the reset delay time: 1 nF
→ 100 ms
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS65020


Similar Part No. - TPS65020RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020RHAR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com