Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020RHAR Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65020RHAR
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020RHAR Datasheet(HTML) 41 Page - Texas Instruments

Back Button TPS65020RHAR Datasheet HTML 37Page - Texas Instruments TPS65020RHAR Datasheet HTML 38Page - Texas Instruments TPS65020RHAR Datasheet HTML 39Page - Texas Instruments TPS65020RHAR Datasheet HTML 40Page - Texas Instruments TPS65020RHAR Datasheet HTML 41Page - Texas Instruments TPS65020RHAR Datasheet HTML 42Page - Texas Instruments TPS65020RHAR Datasheet HTML 43Page - Texas Instruments TPS65020RHAR Datasheet HTML 44Page - Texas Instruments TPS65020RHAR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
t
=2
(reset)
x128x
(1V-0.25V)xC(reset)
2 A
m
()
VOUT
DEFDCDCx
=V
x
R1+R2
R2
R1=R2x
VOUT
VDEFDCDCx
-R2
()
VDCDC3
DCDC3_EN
DEFDCDC3
AGND
PGND
L3
R1
R2
VO
L
CO
VCC
VINDCDC3
CI
1 F
m
10R
V(bat)
TPS65020
www.ti.com
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
Figure 38 illustrations how to use an external resistor divider at DEFDCDCx.
Figure 38. External Resistor Divider
When a resistor divider is connected to DEFDCDCx, the output voltage can be set from 0.6 V up to the input
voltage V(bat). The total resistance (R1+R2) of the voltage divider must be kept in the 1-MR range to maintain a
high efficiency at light load.
V(DEFDCDCx) = 0.6 V
(12)
9.2.2.5 VRTC Output
The VRTC output is typically connected to the VCC_Batt pin of a Intel PXA270 processor. During power-up of the
processor, the TPS65020 internally switches from the LDO or the backup battery to the system voltage
connected at the VSYSIN pin (see Figure 30). It is required to add a capacitor of 4.7-
μF minimum to the VRTC
pin, even the output may be unused.
9.2.2.6 LDO1 and LDO2
The LDOs default voltage is 1.1 V for LDO2 and 1.3 V for LDO1. They are intended to provide power to
VCC_PLL and the VCC_SRAM pin on a PXA270 processor. The minimum output capacitor required is 2.2
μF.
The LDOs output voltage is changed to different voltages between 1 V and 3.3 V using the I2C interface.
Therefore, they can also be used as general-purpose LDOs in applications powering processors different from
PXA270. The supply voltage for the LDOs needs to be connected to the VINLDO pin, giving the flexibility to
connect the lowest voltage available in the system, and providing the highest efficiency.
9.2.2.7 TRESPWRON
This is the input to a capacitor that defines the reset delay time after the voltage at VRTC rises above 2.52 V.
The timing is generated by charging and discharging the capacitor with a current of 2
μA between a threshold of
0.25 V and 1 V for 128 cycles. A 1-nF capacitor gives a delay time of 100 ms.
While there is no real upper and lower limit for the capacitor connected to TRESPWRON, TI recommends not
leaving signal pins open.
where
t(reset) is the reset delay time
C(reset) is the capacitor connected to the TRESPWRON pin
(13)
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: TPS65020


Similar Part No. - TPS65020RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020RHAR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com