Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020RHAR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65020RHAR
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020RHAR Datasheet(HTML) 38 Page - Texas Instruments

Back Button TPS65020RHAR Datasheet HTML 34Page - Texas Instruments TPS65020RHAR Datasheet HTML 35Page - Texas Instruments TPS65020RHAR Datasheet HTML 36Page - Texas Instruments TPS65020RHAR Datasheet HTML 37Page - Texas Instruments TPS65020RHAR Datasheet HTML 38Page - Texas Instruments TPS65020RHAR Datasheet HTML 39Page - Texas Instruments TPS65020RHAR Datasheet HTML 40Page - Texas Instruments TPS65020RHAR Datasheet HTML 41Page - Texas Instruments TPS65020RHAR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
Vcc_CORE
Vcc_Batt
Vcc_IO
Vcc_LCD
Vcc_MEM
Vcc_BB
Vcc_USIM
Vcc_SRAM
Vcc_PLL
SYS_EN
PWR_EN
3V
3V;3.3V
1.8V;2.5V;3V;3.3V
1.8V;2.5V;3V;3.3V
1.8V;2.5V;3V;3.3V
1.8V;3V
1.3V
1.1V
Variable0.8Vto1.6V
LDO1
L3
L1
VRTC
DCDC2_EN
LDO_EN
LDO2
nBatt_Fault
nRESET
nVcc_Fault
TPS65020
L2
INT
RESPWRON
DCDC3_EN
PWRFAIL
DCDC1_EN
DEFDCDC3
DEFDCDC2
DEFDCDC1
Vcc
SCLK
SDAT
Vcc_Batt
4.7
kW
4.7
kW
LOWBAT_SNS
PWRFAIL_SNS
Vcc
VBACKUP
3V
backup
battery
Vcc
VINDCDC1
VINDCDC2
VINDCDC3
Vcc
10R
1 F
m
10 F
m
10 F
m
10 F
m
TRESPWRON
HOT_RESET
VSYSIN
PB_OUT
PB_IN
VDCDC1
SCLK
SDAT
VIN_LDO
LOW_BATT
VDCDC1
VDCDC2
VDCDC3
Vcc
22 F
m
22 F
m
22 F
m
2.2 H
m
2.2 H
m
2.2 H
m
2.2 F
m
2.2 F
m
4.7 F
m
1nF
toGPIOof
processor
GPIOx
Vcc_IO
Vcc_Batt
TPS65020
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
www.ti.com
9.2 Typical Application
Figure 37. Typical Configuration for the Intel PXA270 Bulverde Processor
9.2.1 Design Requirements
The TPS6502x devices have only a few design requirements. Use the following parameters for the design
examples:
1-
μF bypass capacitor on VCC, located as close as possible to the VCC pin to ground
VCC and VINDCDCx must be connected to the same voltage supply with minimal voltage difference.
Input capacitors must be present on the VINDCDCx and VIN_LDO supplies if used
Output inductor and capacitors must be used on the outputs of the DCDC converters if used
Output capacitors must be used on the outputs of the LDOs if used
9.2.2 Detailed Design Procedure
9.2.2.1 Inductor Selection for the DC-DC Converters
Each of the converters in the TPS65020 typically use a 3.3-
μH output inductor. Larger or smaller inductor values
are used to optimize the performance of the device for specific operation conditions. The selected inductor has to
be rated for its DC resistance and saturation current. The DC resistance of the inductance influences directly the
efficiency of the converter. Therefore, an inductor with lowest DC resistance must be selected for highest
efficiency.
38
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: TPS65020


Similar Part No. - TPS65020RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020RHAR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com