Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020RHAR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65020RHAR
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020RHAR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS65020RHAR Datasheet HTML 28Page - Texas Instruments TPS65020RHAR Datasheet HTML 29Page - Texas Instruments TPS65020RHAR Datasheet HTML 30Page - Texas Instruments TPS65020RHAR Datasheet HTML 31Page - Texas Instruments TPS65020RHAR Datasheet HTML 32Page - Texas Instruments TPS65020RHAR Datasheet HTML 33Page - Texas Instruments TPS65020RHAR Datasheet HTML 34Page - Texas Instruments TPS65020RHAR Datasheet HTML 35Page - Texas Instruments TPS65020RHAR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
TPS65020
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
www.ti.com
LDO1 Enable. This bit is logically AND’ed with the state of the LDO1_EN pin to turn on LDO1. Reset to
1 by a UVLO condition, the bit can be written to 0 or 1 through the serial interface. The bit is reset to 1
when the pin LDO_EN is pulled to GND, allowing LDO1 to turn on when LDO_EN returns high.
8.6.5 CON_CTRL Register Address: 04h (Read and Write), Default Value: B0h
The CON_CTRL register is used to force any or all of the converters into forced PWM operation, when low
output voltage ripple is vital. It is also used to control the phase shift between the three converters to minimize
the input rms current, hence reduce the required input blocking capacitance. The DCDC1 converter is taken as
the reference and consequently has a fixed zero phase shift.
Table 7. CON_CTRL Register
CON_CTRL
B7
B6
B5
B4
B3
B2
B1
B0
Bit name and
DCDC2
DCDC2
DCDC3
DCDC3
LOW
FPWM
FPWM
FPWM
function
PHASE1
PHASE0
PHASE1
PHASE0
RIPPLE
DCDC2
DCDC1
DCDC3
Default
1
0
1
1
0
0
0
0
Default value
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
loaded
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 8. DCDC2 and DCDC3 Phase Delay
DCDC2 CONVERTER
DCDC3 CONVERTER
CON_CTRL<7:6>
CON_CTRL<5:4>
DELAYED BY
DELAYED BY
00
zero
00
zero
01
1/4 cycle
01
1/4 cycle
10
1/2 cycle
10
1/2 cycle
11
3/4 cycle
11
3/4 cycle
Bit 3
LOW RIPPLE:
0 =
PFM mode operation optimized for high efficiency for all converters
1 =
PFM mode operation optimized for low-output voltage ripple for all converters
Bit 2
FPWM DCDC2:
0 =
DCDC2 converter operates in PWM / PFM mode
1 =
DCDC2 converter is forced into fixed-frequency PWM mode
Bit 1
FPWM DCDC1:
0 =
DCDC1 converter operates in PWM / PFM mode
1 =
DCDC1 converter is forced into fixed-frequency PWM mode
Bit 0
FPWM DCDC3:
0 =
DCDC3 converter operates in PWM / PFM mode
1 =
DCDC3 converter is forced into fixed-frequency PWM mode
32
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: TPS65020


Similar Part No. - TPS65020RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020RHAR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com