Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020RHAR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65020RHAR
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020RHAR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS65020RHAR Datasheet HTML 21Page - Texas Instruments TPS65020RHAR Datasheet HTML 22Page - Texas Instruments TPS65020RHAR Datasheet HTML 23Page - Texas Instruments TPS65020RHAR Datasheet HTML 24Page - Texas Instruments TPS65020RHAR Datasheet HTML 25Page - Texas Instruments TPS65020RHAR Datasheet HTML 26Page - Texas Instruments TPS65020RHAR Datasheet HTML 27Page - Texas Instruments TPS65020RHAR Datasheet HTML 28Page - Texas Instruments TPS65020RHAR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
(
)
min
min
max
DS(on)
L
Vin
Vout
Iout
r
R
=
+
´
+
TPS65020
www.ti.com
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
Feature Description (continued)
These control methods reduce the quiescent current to typically 14
μA per converter, and the switching activity to
a minimum, thus achieving the highest converter efficiency. Setting the comparator thresholds at the nominal
output voltage at light-load current results in a low output voltage ripple. The ripple depends on the comparator
delay and the size of the output capacitor. Increasing capacitor values makes the output ripple tend to zero. The
PSM is disabled through the I2C interface to force the individual converters to stay in fixed-frequency PWM
mode.
8.3.4 Low Ripple Mode
Setting Bit 3 in register CON-CTRL to 1 enables the low ripple mode for all of the DC-DC converters if operated
in PFM mode. For an output current less than approximately 10 mA, the output voltage ripple in PFM mode is
reduced, depending on the actual load current. The lower the actual output current on the converter, the lower
the output ripple voltage. For an output current above 10 mA, there is only minor difference in output voltage
ripple between PFM mode and low ripple PFM mode. As this feature also increases switching frequency, it is
used to keep the switching frequency above the audible range in PFM mode down to a low output current.
8.3.5 Soft-Start
Each of the three converters has an internal soft-start circuit that limits the inrush current during start-up. The
soft-start is realized by using a very low current to initially charge the internal compensation capacitor. The soft-
start time is typically 750
μs if the output voltage ramps from 5% to 95% of the final target value. If the output is
already precharged to some voltage when the converter is enabled, then this time is reduced proportionally.
There is a short delay of typically 170
μs between the converter being enabled and switching activity starting.
The delay allows the converter to bias itself properly, to recognize if the output is precharged, and if so to prevent
discharging of the output while the internal soft-start ramp catches up with the output voltage.
8.3.6 100% Duty Cycle Low-Dropout Operation
The TPS65020 converters offer a low input to output voltage difference while still maintaining operation with the
use of the 100% duty cycle mode. In this mode the P-channel switch is constantly turned on. This is particularly
useful in battery-powered applications to achieve longest operation time by taking full advantage of the whole
battery voltage range. The minimum input voltage required to maintain DC regulation depends on the load
current and output voltage. It is calculated in Equation 7.
where
Ioutmax = maximum load current (Note: ripple current in the inductor is zero under these conditions)
rDS(on)max = maximum P-channel switch rDS(on)
RL = DC resistance of the inductor
Voutmin = nominal output voltage minus 2% tolerance limit
(7)
8.3.7 Active Discharge When Disabled
When the VDCDC1, VDCDC2, and VDCDC3 converters are disabled, due to an UVLO, DCDCx_EN, or
OVERTEMP condition, it is possible to actively pull down the outputs. This feature is disabled per default and is
individually enabled through the CON_CTRL2 register in the serial interface. When this feature is enabled, the
VDCDC1, VDCDC2, and VDCDC3 outputs are discharged by a 300-
Ω (typical) load which is active as long as
the converters are disabled.
8.3.8 Power-Good Monitoring
All three step-down converters and both the LDO1 and LDO2 linear regulators have power-good comparators.
Each comparator indicates when the relevant output voltage has dropped 10% below its target value with 5%
hysteresis. The outputs of these comparators are available in the PGOODZ register through the serial interface.
An interrupt is generated when any voltage rail drops below the 10% threshold. The comparators are disabled
when the converters are disabled and the relevant PGOODZ register bits indicate that power is good.
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TPS65020


Similar Part No. - TPS65020RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020RHAR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
Power management switch IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
Power Management IC
October, 2015 ??Rev. 0
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
SHENZHEN FUMAN ELECTRON...
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
Mobile Power Management IC
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
Mobile power management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com