Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020RHAR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65020RHAR
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020RHAR Datasheet(HTML) 2 Page - Texas Instruments

  TPS65020RHAR Datasheet HTML 1Page - Texas Instruments TPS65020RHAR Datasheet HTML 2Page - Texas Instruments TPS65020RHAR Datasheet HTML 3Page - Texas Instruments TPS65020RHAR Datasheet HTML 4Page - Texas Instruments TPS65020RHAR Datasheet HTML 5Page - Texas Instruments TPS65020RHAR Datasheet HTML 6Page - Texas Instruments TPS65020RHAR Datasheet HTML 7Page - Texas Instruments TPS65020RHAR Datasheet HTML 8Page - Texas Instruments TPS65020RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
TPS65020
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Detailed Description ............................................ 20
8.1
Overview ................................................................. 20
2
Applications ........................................................... 1
8.2
Functional Block Diagram ....................................... 21
3
Description ............................................................. 1
8.3
Feature Description................................................. 22
4
Revision History..................................................... 2
8.4
Device Functional Modes........................................ 26
5
Description (continued)......................................... 3
8.5
Programming........................................................... 27
6
Pin Configuration and Functions ......................... 4
8.6
Register Maps ......................................................... 30
7
Specifications......................................................... 6
9
Application and Implementation ........................ 36
7.1
Absolute Maximum Ratings ..................................... 6
9.1
Application Information............................................ 36
7.2
ESD Ratings.............................................................. 6
9.2
Typical Application ................................................. 38
7.3
Recommended Operating Conditions ....................... 6
10
Power Supply Recommendations ..................... 43
7.4
Thermal Information .................................................. 7
10.1
Requirements for Supply Voltages Below 3.0 V ... 43
7.5
Electrical Characteristics........................................... 7
11
Layout................................................................... 44
7.6
Electrical Characteristics: Supply Pins VCC,
11.1
Layout Guidelines ................................................. 44
VINDCDC1, VINDCDC2, VINDCDC3........................ 9
11.2
Layout Example .................................................... 44
7.7
Electrical Characteristics: Supply Pins VBACKUP,
VSYSIN, VRTC, VINLDO........................................... 9
12
Device and Documentation Support ................. 45
7.8
Electrical Characteristics: VDCDC1 Step-Down
12.1
Device Support...................................................... 45
Converter ................................................................. 10
12.2
Community Resources.......................................... 45
7.9
Electrical Characteristics: VDCDC2 Step-Down
12.3
Trademarks ........................................................... 45
Converter ................................................................. 11
12.4
Electrostatic Discharge Caution ............................ 45
7.10
Electrical Characteristics: VDCDC3 Step-Down
12.5
Glossary ................................................................ 45
Converter ................................................................. 11
13
Mechanical, Packaging, and Orderable
7.11
Timing Requirements ............................................ 12
Information ........................................................... 45
7.12
Typical Characteristics .......................................... 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (September 2011) to Revision D
Page
Added ESD Rating table, Thermal Information table, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section....................................... 1
2
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: TPS65020


Similar Part No. - TPS65020RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020RHAR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com