Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS65020
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65020_16 Datasheet HTML 4Page - Texas Instruments TPS65020_16 Datasheet HTML 5Page - Texas Instruments TPS65020_16 Datasheet HTML 6Page - Texas Instruments TPS65020_16 Datasheet HTML 7Page - Texas Instruments TPS65020_16 Datasheet HTML 8Page - Texas Instruments TPS65020_16 Datasheet HTML 9Page - Texas Instruments TPS65020_16 Datasheet HTML 10Page - Texas Instruments TPS65020_16 Datasheet HTML 11Page - Texas Instruments TPS65020_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
TPS65020
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, TA = –40°C to 85°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
ILK
Leakage current
Output inactive high
0.1
μA
VLDO1 AND VLDO2 LOW-DROPOUT REGULATORS
VI
Input voltage range for LDO1, 2
1.5
6.5
V
VO
LDO1 output voltage range
1
3.3
V
VO
LDO2 output voltage range
1
3.3
V
Maximum output current for LDO1,
IO
200
mA
LDO2
LDO1 and LDO2 short-circuit
I(SC)
VLDO1 = GND, VLDO2 = GND
400
mA
Current limit
IO = 50 mA, VINLDO = 1.8 V
120
Minimum voltage drop at LDO1, LDO2
IO = 50 mA, VINLDO = 1.5 V
65
150
mV
IO = 200 mA, VINLDO = 1.8 V
300
Output voltage accuracy for LDO1,
IO = 10 mA
–2%
1%
LDO2
VINLDO1,2 = VLDO1, 2 + 0.5 V
Line regulation for LDO1, LDO2
–1%
1%
(min. 2.5 V) to 6.5 V, IO = 10 mA
Load regulation for LDO1, LDO2
IO = 0 mA to 50 mA
–1%
1%
Regulation time for LDO1, LDO2
Load change from 10% to 90%
10
μs
ANALOGIC SIGNALS DEFDCDC1, DEFDCDC2, DEFDCDC3
VIH
High level input voltage
1.3
VCC
V
VIL
Low level input voltage
0
0.1
V
IH
Input bias current
0.001
0.05
μA
LOGIC SIGNALS PB_IN; PB_OUT
VOL
Low level output voltage at PB_OUT
IOL = 20 mA
0.5
V
VOH
High level output voltage PB_OUT
6
V
VIL
Low level input voltage PB_IN
0.4
V
VIH
High level input voltage PB_IN
1.3
VCC
(2)
V
II Input leakage current PB_IN
1
μA
THERMAL SHUTDOWN
T(SD)
Thermal shutdown
Increasing junction temperature
160
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
INTERNAL UNDERVOLTAGE LOCK OUT
UVLO
Internal UVLO
VCC falling
–2%
2.35
2%
V
V(UVLO_HYST)
Internal UVLO comparator hysteresis
120
mV
VOLTAGE DETECTOR COMPARATORS
Comparator threshold
Falling threshold
–1%
1.0
1%
V
(PWRFAIL_SNS, LOWBAT_SNS)
Hysteresis
40
50
60
mV
Propagation delay
25-mV overdrive
10
μs
POWER-GOOD
VDCDC1, VDCDC2, VDCDC3, VLDO1,
V(PGOODF)
–12%
–10%
–8%
VLDO2, decreasing
VDCDC1, VDCDC2, VDCDC3, VLDO1,
V(PGOODR)
–7%
–5%
–3%
VLDO2, increasing
(2)
The input voltage can go as high as 6 V. If the input voltage exceeds VCC, an input current of (V(PB_IN) – 0.7 V – VCC) / 10 kΩ flows.
8
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: TPS65020


Similar Part No. - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHA TI-TPS65020RHA Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAT TI-TPS65020RHAT Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com