Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS65020
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS65020_16 Datasheet HTML 8Page - Texas Instruments TPS65020_16 Datasheet HTML 9Page - Texas Instruments TPS65020_16 Datasheet HTML 10Page - Texas Instruments TPS65020_16 Datasheet HTML 11Page - Texas Instruments TPS65020_16 Datasheet HTML 12Page - Texas Instruments TPS65020_16 Datasheet HTML 13Page - Texas Instruments TPS65020_16 Datasheet HTML 14Page - Texas Instruments TPS65020_16 Datasheet HTML 15Page - Texas Instruments TPS65020_16 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
t
DEGLITCH
HOT_RESET
RESPWRON
V
DCDC3
O
defaultvoltage
anyvoltageset
withI Cinterface
2
t
NRESPWRON
TPS65020
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics: VDCDC3 Step-Down Converter (continued)
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, TA = –40°C to 85°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Adjustable output voltage with resistor
VINDCDC3 = VDCDC3 +0.4 V (min 2.5 V) to
–2%
2%
divider at DEFDCDC3 FPWMDCDC3=0
6 V; 0 mA
≤ IO ≤ 600 mA
Adjustable output voltage with resistor
VINDCDC3 = VDCDC3 +0.4 V (min 2.5 V) to
–1%
1%
divider at DEFDCDC3; FPWMDCDC3=1
6 V; 0 mA
≤ IO ≤ 600 mA
VINDCDC3 = VDCDC3 + 0.3 V (min. 2.5 V)
Line Regulation
0%
V
to 6 V; IO = 10 mA
Load Regulation
IO = 10 mA to 400 mA
0.25%
A
VDCDC3 ramping from 5% to 95% of target
Soft-start ramp time
750
μs
value
Internal resistance from L3 to GND
1
M
VDCDC3 discharge resistance
300
7.11 Timing Requirements
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
fMAX
Clock frequency
400
kHz
twH(HIGH)
Clock high time
600
ns
twL(LOW)
Clock low time
1300
ns
tR
DATA and CLK rise time
300
ns
tF
DATA and CLK fall time
300
ns
th(STA)
Hold time (repeated) START condition (after this period the first clock pulse is generated)
600
ns
th(DATA)
Setup time for repeated START condition
600
ns
th(DATA)
Data input hold time
300
ns
tsu(DATA)
Data input setup time
300
ns
tsu(STO)
STOP condition setup time
600
ns
t(BUF)
Bus free time
1300
ns
Figure 1. HOT_RESET Timing
12
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: TPS65020


Similar Part No. - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHA TI-TPS65020RHA Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAT TI-TPS65020RHAT Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com