Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS65020
Description  Power Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65020_16 Datasheet HTML 5Page - Texas Instruments TPS65020_16 Datasheet HTML 6Page - Texas Instruments TPS65020_16 Datasheet HTML 7Page - Texas Instruments TPS65020_16 Datasheet HTML 8Page - Texas Instruments TPS65020_16 Datasheet HTML 9Page - Texas Instruments TPS65020_16 Datasheet HTML 10Page - Texas Instruments TPS65020_16 Datasheet HTML 11Page - Texas Instruments TPS65020_16 Datasheet HTML 12Page - Texas Instruments TPS65020_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
TPS65020
www.ti.com
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
7.6 Electrical Characteristics: Supply Pins VCC, VINDCDC1, VINDCDC2, VINDCDC3
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, TA = –40°C to 85°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
All 3 DCDC converters enabled,
VCC = 3.6 V, VBACKUP = 3 V;
zero load and no switching, LDOs
85
100
V(VSYSIN) = 0 V
enabled
All 3 DCDC converters enabled,
VCC = 3.6 V, VBACKUP = 3 V;
zero load and no switching, LDOs
78
90
V(VSYSIN) = 0 V
Operating quiescent
enabled
I(qPFM)
μA
current, PFM
DCDC1 and DCDC2 converters
VCC = 3.6 V, VBACKUP = 3 V;
enabled, zero load and no
57
70
V(VSYSIN) = 0 V
switching, LDOs off
DCDC1 converter enabled, zero
VCC = 3.6 V, VBACKUP = 3 V;
43
55
load and no switching, LDOs off
V(VSYSIN) = 0 V
All 3 DCDC converters enabled
VCC = 3.6 V, VBACKUP = 3 V;
2
3
and running in PWM, LDOs off
V(VSYSIN) = 0 V
DCDC1 and DCDC2 converters
Current into VCC;
VCC = 3.6 V, VBACKUP = 3 V;
II
enabled and running in PWM,
1.5
2.5
mA
PWM
V(VSYSIN) = 0 V
LDOs off
DCDC1 converter enabled and
VCC = 3.6 V, VBACKUP = 3 V;
0.85
2
running in PWM, LDOs off
V(VSYSIN) = 0 V
VCC = 3.6 V, VBACKUP = 3 V;
All converters disabled, LDOs off
23
33
μA
V(VSYSIN) = 0 V
VCC = 2.6 V, VBACKUP = 3 V;
I(q)
Quiescent current
All converters disabled, LDOs off
3.5
5
μA
V(VSYSIN) = 0 V
VCC = 3.6 V, VBACKUP = 0 V;
All converters disabled, LDOs off
43
μA
V(VSYSIN) = 0 V
(1)
Typical values are at TA = 25°C
7.7 Electrical Characteristics: Supply Pins VBACKUP, VSYSIN, VRTC, VINLDO
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, TA = –40°C to 85°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VBACKUP, VSYSIN, VRTC
VBACKUP = 3 V, VSYSIN = 0 V;
I(q)
Operating quiescent current
20
33
μA
VCC = 2.6 V, current into VBACKUP
VBACKUP < V_VBACKUP, current into
I(SD)
Operating quiescent current
2
3
μA
VBACKUP
VRTC LDO output voltage
VSYSIN = VBACKUP = 0 V, IO = 0 mA
3
V
IO
Output current for VRTC
VSYSIN < 2.57 V and VBACKUP < 2.57 V
20
mA
VRTC short-circuit current limit
VRTC = GND; VSYSIN = VBACKUP = 0 V
100
mA
Maximum output current at VRTC for
VRTC > 2.6 V, VCC = 3 V;
30
mA
RESPWRON = 1
VSYSIN = VBACKUP = 0 V
VO
Output voltage accuracy for VRTC
VSYSIN = VBACKUP = 0 V; IO = 0 mA
±1%
Line regulation for VRTC
VCC = VRTC + 0.5 V to 6.5 V, IO = 5 mA
±1%
IO = 1 mA to 20 mA;
Load regulation VRTC
±2%
VSYSIN = VBACKUP = 0 V
Regulation time for VRTC
Load change from 10% to 90%
10
μs
Ilkg
Input leakage current at VSYSIN
VSYSIN < V_VSYSIN
2
μA
rDS(on) of VSYSIN switch
12.5
rDS(on) of VBACKUP switch
12.5
Input voltage range at VBACKUP(2)
2.73
3.75
V
Input voltage range at VSYSIN(2)
2.73
3.75
V
(1)
Typical values are at TA = 25°C
(2)
Based on the requirements for the Intel PXA270 processor.
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65020


Similar Part No. - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHA TI-TPS65020RHA Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAT TI-TPS65020RHAT Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
Power management switch IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
Power Management IC
October, 2015 ??Rev. 0
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
SHENZHEN FUMAN ELECTRON...
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
Mobile Power Management IC
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
Mobile power management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com