Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020 Datasheet(PDF) 42 Page - Texas Instruments

Part # TPS65020
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TPS65020_16 Datasheet HTML 38Page - Texas Instruments TPS65020_16 Datasheet HTML 39Page - Texas Instruments TPS65020_16 Datasheet HTML 40Page - Texas Instruments TPS65020_16 Datasheet HTML 41Page - Texas Instruments TPS65020_16 Datasheet HTML 42Page - Texas Instruments TPS65020_16 Datasheet HTML 43Page - Texas Instruments TPS65020_16 Datasheet HTML 44Page - Texas Instruments TPS65020_16 Datasheet HTML 45Page - Texas Instruments TPS65020_16 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
I
-OutputCurrent-mA
O
T =25 C
V
=3.3V
A
O
o
PFM/PWMMode
V =3.8V
I
V =4.2V
I
V =5V
I
0.01
0.1
1
10
100
1k
10k
I
-OutputCurrent-mA
O
T =25 C
V
=1.8V
A
O
o
PWM/PFMMode
V =2.5V
I
V =5V
I
0.01
0.1
1
10
100
1k
10k
V =4.2V
I
V =3.8V
I
TPS65020
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
www.ti.com
The minimum and maximum values for the timing parameters called ICONST (2 µA), TRESPWRON_UPTH
(1 V), and TRESPWRON_LOWTH (0.25 V) can be found under the Electrical Characteristics.
9.2.2.8 VCC Filter
An RC filter connected at the VCC input is used to prevent noise from the internal supply for the bandgap and
other analog circuitry. A typical resistor value of 1
Ω and 1 μF is used to filter the switching spikes generated by
the DC-DC converters. A resistor larger than 10
Ω must not be used because the current (up to 3 mA) into VCC
causes a voltage drop at the resistor. This causes the undervoltage lockout circuitry connected internally at VCC
to switch off too early.
9.2.3 Application Curves
Graphs were taken using the EVM with the inductor and output capacitor combinations in Table 19.
Table 19. Inductor and Output Capacitor Combinations
CONVERTER
INDUCTOR
OUTPUT CAPACITOR
OUTPUT CAPACITOR VALUE
VDCDC1
VLCF4020-2R2
C2012X5R0J106M
2 × 10
μF
VDCDC2
VLCF4020-2R2
C2012X5R0J106M
2 × 10
μF
VDCDC3
VLF4012AT-2R2M1R5
C2012X5R0J106M
2 × 10
μF
spacer
Figure 40. DCDC2 Efficiency
Figure 39. DCDC1 Efficiency
42
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: TPS65020


Similar Part No. - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHA TI-TPS65020RHA Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAT TI-TPS65020RHAT Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
Power management switch IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
Power Management IC
October, 2015 ??Rev. 0
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
SHENZHEN FUMAN ELECTRON...
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
Mobile Power Management IC
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
Mobile power management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com