Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020 Datasheet(PDF) 40 Page - Texas Instruments

Part # TPS65020
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TPS65020_16 Datasheet HTML 36Page - Texas Instruments TPS65020_16 Datasheet HTML 37Page - Texas Instruments TPS65020_16 Datasheet HTML 38Page - Texas Instruments TPS65020_16 Datasheet HTML 39Page - Texas Instruments TPS65020_16 Datasheet HTML 40Page - Texas Instruments TPS65020_16 Datasheet HTML 41Page - Texas Instruments TPS65020_16 Datasheet HTML 42Page - Texas Instruments TPS65020_16 Datasheet HTML 43Page - Texas Instruments TPS65020_16 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
I
RMSCout +
1 *
Vout
Vin
L
ƒ
1
8
Cout
ƒ )
ESR
I
RMSCout +
1 *
Vout
Vin
L
ƒ
1
2
3
TPS65020
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
www.ti.com
(10)
At nominal load current, the inductive converters operate in PWM mode. The overall output voltage ripple is the
sum of the voltage spike caused by the output capacitor ESR plus the voltage ripple caused by charging and
discharging the output capacitor:
where
the highest output voltage ripple occurs at the highest input voltage Vin
(11)
At light-load currents, the converters operate in PSM and the output voltage ripple is dependent on the output
capacitor value. The output voltage ripple is set by the internal comparator delay and the external capacitor. The
typical output voltage ripple is less than 1% of the nominal output voltage.
9.2.2.3 Input Capacitor Selection
Because of the nature of the buck converter having a pulsating input current, a low ESR input capacitor is
required for best input voltage filtering and minimizing the interference with other circuits caused by high input
voltage spikes. Each DC-DC converter requires a 10-
μF ceramic input capacitor on its input pin VINDCDCx. The
input capacitor is increased without any limit for better input voltage filtering. The VCC pin is separated from the
input for the DC-DC converters. A filter resistor of up to 10R and a 1-
μF capacitor is used for decoupling the VCC
pin from switching noise. Note that the filter resistor may affect the UVLO threshold because up to 3 mA can flow
through this resistor into the VCC pin when all converters are running in PWM mode.
Table 17. Possible Capacitors
CAPACITOR VALUE
CASE SIZE
COMPONENT SUPPLIER
COMMENTS
22
μF
1206
TDK C3216X5R0J226M
Ceramic
22
μF
1206
Taiyo Yuden JMK316BJ226ML
Ceramic
10
μF
0805
Taiyo Yuden JMK212BJ106M
Ceramic
10
μF
0805
TDK C2012X5R0J106M
Ceramic
22
μF
0805
TDK C2012X5R0J226MT
Ceramic
22
μF
0805
Taiyo Yuden JMK212BJ226MG
Ceramic
9.2.2.4 Output Voltage Selection
The DEFDCDC1, DEFDCDC2, and DEFDCDC3 pins are used to set the output voltage for each step-down
converter. See the table for the default voltages if the pins are pulled to GND or to VCC. If a different voltage is
needed, an external resistor divider can be added to the DEFDCDCx pin as shown in Figure 38.
The output voltage of VDCDC3 is set with the I2C interface. If the voltage is changed from the default, using the
DEFCORE register, the output voltage only depends on the register value. Any resistor divider at DEFDCDC3
does not change the voltage set with the register. Bit B6 in the CON_CTRL2 register is used to switch between
the internal voltage setting or the voltage set with the external DEFDCDC3 pin for the VDCDC3 converter.
Table 18. Voltage Options
PIN
LEVEL
DEFAULT OUTPUT VOLTAGE
VCC
3.3 V
DEFDCDC1
GND
3 V
VCC
2.5 V
DEFDCDC2
GND
1.8 V
VCC
1.55 V
DEFDCDC3
GND
1.3 V
40
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: TPS65020


Similar Part No. - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHA TI-TPS65020RHA Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAT TI-TPS65020RHAT Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com