Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020 Datasheet(PDF) 39 Page - Texas Instruments

Part # TPS65020
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS65020_16 Datasheet HTML 35Page - Texas Instruments TPS65020_16 Datasheet HTML 36Page - Texas Instruments TPS65020_16 Datasheet HTML 37Page - Texas Instruments TPS65020_16 Datasheet HTML 38Page - Texas Instruments TPS65020_16 Datasheet HTML 39Page - Texas Instruments TPS65020_16 Datasheet HTML 40Page - Texas Instruments TPS65020_16 Datasheet HTML 41Page - Texas Instruments TPS65020_16 Datasheet HTML 42Page - Texas Instruments TPS65020_16 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
I
Lmax +
Ioutmax )
DIL
2
DIL + Vout
1 *
Vout
Vin
L
ƒ
TPS65020
www.ti.com
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
Typical Application (continued)
For a fast transient response, a 2.2-
μH inductor in combination with a 22-μF output capacitor is recommended.
Equation 8 calculates the maximum inductor current under static load conditions. The saturation current of the
inductor must be rated higher than the maximum inductor current as calculated with Equation 8. This is needed
because during heavy-load transient the inductor current rises above the value calculated under Equation 8.
(8)
where
f = Switching Frequency (1.5 MHz typical)
L = Inductor Value
ΔIL = Peak-to-Peak inductor ripple current
ILMAX = Maximum Inductor current
(9)
The highest inductor current occurs at maximum Vin.
Open-core inductors have a soft saturation characteristic, and they can usually handle higher inductor currents
versus a comparable shielded inductor.
A more conservative approach is to select the inductor current rating just for the maximum switch current of the
TPS65020 (2 A for the VDCDC1 and VDCDC2 converters, and 1.3 A for the VDCDC3 converter). The core
material from inductor to inductor differs and has an impact on the efficiency especially at high switching
frequencies.
See Table 16 and the typical applications for possible inductors.
Table 16. Tested Inductors
INDUCTOR
DEVICE
TYPE
COMPONENT SUPPLIER
VALUE
3.3
μH
CDRH2D14NP-3R3
Sumida
3.3
μH
LPS3010-332
Coilcraft
DCDC3 converter
3.3
μH
VLF4012AT-3R3M1R3
TDK
2.2
μH
VLF4012AT-2R2M1R5
TDK
2.2
μH
NR3015T2R2
Taiyo-Yuden
3.3
μH
CDRH2D18/HPNP-3R3
Sumida
DCDC2 converter
3.3
μH
VLF4012AT-3R3M1R3
TDK
2.2
μH
VLCF4020-2R2
TDK
3.3
μH
CDRH3D14/HPNP-3R2
Sumida
3.3
μH
CDRH4D28C-3R2
Sumida
DCDC1 converter
3.3
μH
MSS5131-332
Coilcraft
2.2
μH
VLCF4020-2R2
TDK
9.2.2.2 Output Capacitor Selection
The advanced fast response voltage mode control scheme of the inductive converters implemented in the
TPS65020 allow the use of small ceramic capacitors with a typical value of 10
μF for a 3.3-μH inductor for each
converter without having large output voltage under and overshoots during heavy-load transients.
For a fast transient response a 22-
μF capacitor with a 2.2-μH inductor must be used on each converter.
Ceramic capacitors having low ESR values have the lowest output voltage ripple and are recommended. See
Table 17 for recommended components.
If ceramic output capacitors are used, the capacitor RMS ripple current rating always meets the application
requirements. Just for completeness, the RMS ripple current is calculated in Equation 10.
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: TPS65020


Similar Part No. - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHA TI-TPS65020RHA Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAT TI-TPS65020RHAT Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com