Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020 Datasheet(PDF) 35 Page - Texas Instruments

Part # TPS65020
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TPS65020_16 Datasheet HTML 31Page - Texas Instruments TPS65020_16 Datasheet HTML 32Page - Texas Instruments TPS65020_16 Datasheet HTML 33Page - Texas Instruments TPS65020_16 Datasheet HTML 34Page - Texas Instruments TPS65020_16 Datasheet HTML 35Page - Texas Instruments TPS65020_16 Datasheet HTML 36Page - Texas Instruments TPS65020_16 Datasheet HTML 37Page - Texas Instruments TPS65020_16 Datasheet HTML 38Page - Texas Instruments TPS65020_16 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
TPS65020
www.ti.com
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
Table 13. DCDC3 DVS Slew Rate
SLEW2
SLEW1
SLEW0
VDCDC3 SLEW RATE
0
0
0
0.15 mV/
μs
0
0
1
0.3 mV/
μs
0
1
0
0.6 mV/
μs
0
1
1
1.2 mV/
μs
1
0
0
2.4 mV/
μs
1
0
1
4.8 mV/
μs
1
1
0
9.6 mV/
μs
1
1
1
Immediate
8.6.9 LDO_CTRL Register Address: 08h (Read and Write), Default Value: 23h
The LDO_CTRL registers can be used to set the output voltage of LDO1 and LDO2.
Table 14. LDO_CTRL Register
LDO_CTRL
B7
B6
B5
B4
B3
B2
B1
B0
Bit name and
LDO2_2
LDO2_1
LDO2_0
LDO1_2
LDO1_1
LDO1_0
function
Default
0
1
0
0
1
1
Default value
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
loaded
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
Table 15. LDO2 and LDO3 I2C Voltage Options
LDO1 OUTPUT
LDO2 OUTPUT
LDO1_2
LDO1_1
LDO1_0
LDO2_2
LDO2_1
LDO2_0
VOLTAGE
VOLTAGE
0
0
0
1 V
0
0
0
1 V
0
0
1
1.05 V
0
0
1
1.05 V
0
1
0
1.1 V
0
1
0
1.1 V
0
1
1
1.3 V
0
1
1
1.3 V
1
0
0
1.8 V
1
0
0
1.8 V
1
0
1
2.5 V
1
0
1
2.5 V
1
1
0
3 V
1
1
0
3 V
1
1
1
3.3 V
1
1
1
3.3 V
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: TPS65020


Similar Part No. - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHA TI-TPS65020RHA Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAT TI-TPS65020RHAT Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com