Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020 Datasheet(PDF) 34 Page - Texas Instruments

Part # TPS65020
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TPS65020_16 Datasheet HTML 30Page - Texas Instruments TPS65020_16 Datasheet HTML 31Page - Texas Instruments TPS65020_16 Datasheet HTML 32Page - Texas Instruments TPS65020_16 Datasheet HTML 33Page - Texas Instruments TPS65020_16 Datasheet HTML 34Page - Texas Instruments TPS65020_16 Datasheet HTML 35Page - Texas Instruments TPS65020_16 Datasheet HTML 36Page - Texas Instruments TPS65020_16 Datasheet HTML 37Page - Texas Instruments TPS65020_16 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
TPS65020
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
www.ti.com
8.6.7 DEFCORE. Register Address: 06h (Read and Write), Default Value: 14h/1Eh
Table 10. DEFCORE Register
DEFCORE
B7
B6
B5
B4
B3
B2
B1
B0
Bit name and
CORE4
CORE3
CORE2
CORE1
CORE0
function
Default
0
0
0
1
DEFDCDC3
1
DEFDCDC3
0
Default value
RESET(1)
RESET(1)
RESET(1)
RESET(1)
RESET(1)
loaded
Read/Write
R/W
R/W
R/W
R/W
R/W
RESET(1): DEFCORE is reset to its default value by one of these events:
undervoltage lockout (UVLO)
DCDC1 AND DCDC3 disabled
HOT_RESET pulled low
RESPWRON active
VRTC below threshold
Table 11. DCDC3 DVS Voltages
CORE4
CORE3
CORE2
CORE1
CORE0
VDCDC3
CORE4
CORE3
CORE2
CORE1
CORE0
VDCDC3
0
0
0
0
0
0.8 V
1
0
0
0
0
1.2 V
0
0
0
0
1
0.825 V
1
0
0
0
1
1.225 V
0
0
0
1
0
0.85 V
1
0
0
1
0
1.25 V
0
0
0
1
1
0.875 V
1
0
0
1
1
1.275 V
0
0
1
0
0
0.9 V
1
0
1
0
0
1.3 V
0
0
1
0
1
0.925 V
1
0
1
0
1
1.325 V
0
0
1
1
0
0.95 V
1
0
1
1
0
1.35 V
0
0
1
1
1
0.975 V
1
0
1
1
1
1.375 V
0
1
0
0
0
1 V
1
1
0
0
0
1.4 V
0
1
0
0
1
1.025 V
1
1
0
0
1
1.425 V
0
1
0
1
0
1.05 V
1
1
0
1
0
1.45 V
0
1
0
1
1
1.075 V
1
1
0
1
1
1.475 V
0
1
1
0
0
1.1 V
1
1
1
0
0
1.5 V
0
1
1
0
1
1.125 V
1
1
1
0
1
1.525 V
0
1
1
1
0
1.15 V
1
1
1
1
0
1.55 V
0
1
1
1
1
1.175 V
1
1
1
1
1
1.6 V
8.6.8 DEFSLEW Register Address: 07h (Read and Write), Default Value: 06h
Table 12. DEFSLEW Register
DEFSLEW
B7
B6
B5
B4
B3
B2
B1
B0
Bit name and
SLEW2
SLEW1
SLEW0
function
Default
1
1
0
Default value
UVLO
UVLO
UVLO
loaded
Read/Write
R/W
R/W
R/W
34
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: TPS65020


Similar Part No. - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHA TI-TPS65020RHA Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAT TI-TPS65020RHAT Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com