Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020 Datasheet(PDF) 33 Page - Texas Instruments

Part # TPS65020
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS65020_16 Datasheet HTML 29Page - Texas Instruments TPS65020_16 Datasheet HTML 30Page - Texas Instruments TPS65020_16 Datasheet HTML 31Page - Texas Instruments TPS65020_16 Datasheet HTML 32Page - Texas Instruments TPS65020_16 Datasheet HTML 33Page - Texas Instruments TPS65020_16 Datasheet HTML 34Page - Texas Instruments TPS65020_16 Datasheet HTML 35Page - Texas Instruments TPS65020_16 Datasheet HTML 36Page - Texas Instruments TPS65020_16 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
TPS65020
www.ti.com
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
8.6.6 CON_CTRL2 Register Address: 05h (Read and Write), Default Value: 40h
The CON_CTRL2 register can be used to take control the inductive converters.
Table 9. CON_CTRL2 Register
CON_CTRL2
B7
B6
B5
B4
B3
B2
B1
B0
Bit name and
CORE ADJ
DCDC2
DCDC1
DCDC3
GO
function
Allowed
Discharge
Discharge
Discharge
Default
0
1
0
0
0
0
0
0
Default value
UVLO +
UVLO
UVLO
UVLO
UVLO
loaded
DONE
Read/Write
R/W
R/W
R/W
R/W
R/W
Bit 7
GO:
0 =
no change in the output voltage for the DCDC3 converter
1 =
the output voltage of the DCDC3 converter is changed to the value defined in DEFCORE with
the slew rate defined in DEFSLEW. This bit is automatically cleared when the DVM transition is
complete. The transition is considered complete in this case when the desired output voltage
code has been reached, not when the VDCDC3 output voltage is actually in regulation at the
desired voltage.
Bit 6
CORE ADJ Allowed:
0 =
the output voltage is set with the I2C register
1 =
DEFDCDC3 is either connected to GND or VCC or an external voltage divider. When
connected to GND or VCC, VDCDC3 defaults to 1.3 V or 1.55 V respectively at start-up
Bit 2 – 0 0 =
the output capacitor of the associated converter is not actively discharged when the converter is
disabled
1 =
the output capacitor of the associated converter is actively discharged when the converter is
disabled. This decreases the fall time of the output voltage at light load
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TPS65020


Similar Part No. - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHA TI-TPS65020RHA Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAT TI-TPS65020RHAT Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com