Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020 Datasheet(PDF) 31 Page - Texas Instruments

Part # TPS65020
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS65020_16 Datasheet HTML 27Page - Texas Instruments TPS65020_16 Datasheet HTML 28Page - Texas Instruments TPS65020_16 Datasheet HTML 29Page - Texas Instruments TPS65020_16 Datasheet HTML 30Page - Texas Instruments TPS65020_16 Datasheet HTML 31Page - Texas Instruments TPS65020_16 Datasheet HTML 32Page - Texas Instruments TPS65020_16 Datasheet HTML 33Page - Texas Instruments TPS65020_16 Datasheet HTML 34Page - Texas Instruments TPS65020_16 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
TPS65020
www.ti.com
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
1 =
indicates that the LDO1 output voltage is below its target regulation voltage
8.6.3 MASK Register Address: 02h (Read and Write), Default Value: C0h
The MASK register can be used to mask particular fault conditions from appearing at the INT pin. MASK<n> = 1
masks PGOODZ<n>.
Table 5. MASK Register
MASK
B7
B6
B5
B4
B3
B2
B1
B0
Bit name and
MASK
MASK
MASK
MASK
MASK
MASK
MASK
function
PWRFAILZ
LOWBATTZ
VDCDC1
VDCDC2
VDCDC3
LDO2
LDO1
Default
1
1
0
0
0
0
0
0
Default value
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
loaded
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
8.6.4 REG_CTRL Register Address: 03h (Read and Write), Default Value: FFh
The REG_CTRL register is used to disable or enable the power supplies through the serial interface. The
contents of the register are logically AND’ed with the enable pins to determine the state of the supplies. A UVLO
condition resets the REG_CTRL to 0xFF, so the state of the supplies defaults to the state of the enable pin. The
REG_CTRL bits are automatically reset to default when the corresponding enable pin is low.
Table 6. REG_CTRL Register
REG_CTRL
B7
B6
B5
B4
B3
B2
B1
B0
Bit name and
VDCDC1
VDCDC2
VDCDC3
LDO2
LDO1
function
ENABLE
ENABLE
ENABLE
ENABLE
ENABLE
Default
1
1
1
1
1
1
1
Set by signal
DCDC1_ENZ DCDC2_ENZ DCDC3_ENZ
LDO_ENZ
LDO_ENZ
Default value
UVLO
UVLO
UVLO
UVLO
UVLO
loaded
Read/Write
R/W
R/W
R/W
R/W
R/W
Bit 5
VDCDC1 ENABLE
DCDC1 Enable. This bit is logically AND’ed with the state of the DCDC1_EN pin to turn on the DCDC1
converter. Reset to 1 by a UVLO condition, the bit can be written to 0 or 1 through the serial interface.
The bit is reset to 1 when the pin DCDC1_EN is pulled to GND, allowing DCDC1 to turn on when
DCDC1_EN returns high.
Bit 4
VDCDC2 ENABLE
DCDC2 Enable. This bit is logically AND’ed with the state of the DCDC2_EN pin to turn on the DCDC2
converter. Reset to 1 by a UVLO condition, the bit can be written to 0 or 1 through the serial interface.
The bit is reset to 1 when the pin DCDC2_EN is pulled to GND, allowing DCDC2 to turn on when
DCDC2_EN returns high.
Bit 3
VDCDC3 ENABLE
DCDC3 Enable. This bit is logically AND’ed with the state of the DCDC3_EN pin to turn on the DCDC3
converter. Reset to 1 by a UVLO condition, the bit can be written to 0 or 1 through the serial interface.
The bit is reset to 1 when the pin DCDC3_EN is pulled to GND, allowing DCDC3 to turn on when
DCDC3_EN returns high.
Bit 2
LDO2 ENABLE
LDO2 Enable. This bit is logically AND’ed with the state of the LDO2_EN pin to turn on LDO2. Reset to
1 by a UVLO condition, the bit can be written to 0 or 1 through the serial interface. The bit is reset to 1
when the pin LDO_EN is pulled to GND, allowing LDO2 to turn on when LDO_EN returns high.
Bit 1
LDO1 ENABLE
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: TPS65020


Similar Part No. - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHA TI-TPS65020RHA Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAT TI-TPS65020RHAT Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com