Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020 Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS65020
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS65020_16 Datasheet HTML 26Page - Texas Instruments TPS65020_16 Datasheet HTML 27Page - Texas Instruments TPS65020_16 Datasheet HTML 28Page - Texas Instruments TPS65020_16 Datasheet HTML 29Page - Texas Instruments TPS65020_16 Datasheet HTML 30Page - Texas Instruments TPS65020_16 Datasheet HTML 31Page - Texas Instruments TPS65020_16 Datasheet HTML 32Page - Texas Instruments TPS65020_16 Datasheet HTML 33Page - Texas Instruments TPS65020_16 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
TPS65020
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
www.ti.com
8.6 Register Maps
8.6.1 VERSION Register Address: 00h (Read Only)
Table 3. VERSION Register
VERSION
B7
B6
B5
4244238.gif
B3
B2
B1
B0
B4
Bit name and
0
0
0
1
1
0
0
1
function
Read/Write
R
R
R
R
R
R
R
R
8.6.2 PGOODZ Register Address: 01h (Read Only)
Table 4. PGOODZ Register
PGOODZ
B7
B6
B5
B4
B3
B2
B1
B0
Bit name and
PGOODZ
PGOODZ
PGOODZ
PGOODZ
PGOODZ
PWRFAILZ
LOWBATTZ
function
VDCDC1
VDCDC2
VDCDC3
LDO2
LDO1
PGOODZ
PGOODZ
PGOODZ
PGOODZ
PGOODZ
Set by signal
PWRFAIL
LOWBATT
VDCDC1
VDCDC2
VDCDC3
LDO2
LDO1
Default value
PGOOD
PGOOD
PGOOD
PGOOD
PGOOD
PWRFAILZ
LOWBATTZ
loaded
VDCDC1
VDCDC2
VDCDC3
LDO2
LDO1
Read/Write
R
R
R
R
R
R
R
R
Bit 7
PWRFAILZ:
0 =
indicates that the PWRFAIL_SNS input voltage is above the 1-V threshold
1 =
indicates that the PWRFAIL_SNS input voltage is below the 1-V threshold
Bit 6
LOWBATTZ:
0 =
indicates that the LOWBATT_SNS input voltage is above the 1-V threshold
1 =
indicates that the LOWBATT_SNS input voltage is below the 1-V threshold
Bit 5
PGOODZ VDCDC1:
0 =
indicates that the VDCDC1 converter output voltage is within its nominal range.
This bit is zero if the VDCDC1 converter is disabled.
1 =
indicates that the VDCDC1 converter output voltage is below its target regulation voltage
Bit 4
PGOODZ VDCDC2:
0 =
indicates that the VDCDC2 converter output voltage is within its nominal range.
This bit is zero if the VDCDC2 converter is disabled.
1 =
indicates that the VDCDC2 converter output voltage is below its target regulation voltage
Bit 3
PGOODZ VDCDC3: .
0 =
indicates that the VDCDC3 converter output voltage is within its nominal range.
This bit is zero if the VDCDC3 converter is disabled and during a DVM controlled output voltage
transition.
1 =
indicates that the VDCDC3 converter output voltage is below its target regulation voltage
Bit 2
PGOODZ LDO2:
0 =
indicates that the LDO2 output voltage is within its nominal range.
This bit is zero if LDO2 is disabled.
1 =
indicates that LDO2 output voltage is below its target regulation voltage
Bit 1
PGOODZ LDO1:
0 =
indicates that the LDO1 output voltage is within its nominal range.
This bit is zero if LDO1 is disabled.
30
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: TPS65020


Similar Part No. - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHA TI-TPS65020RHA Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAT TI-TPS65020RHAT Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com