Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS65020
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS65020_16 Datasheet HTML 22Page - Texas Instruments TPS65020_16 Datasheet HTML 23Page - Texas Instruments TPS65020_16 Datasheet HTML 24Page - Texas Instruments TPS65020_16 Datasheet HTML 25Page - Texas Instruments TPS65020_16 Datasheet HTML 26Page - Texas Instruments TPS65020_16 Datasheet HTML 27Page - Texas Instruments TPS65020_16 Datasheet HTML 28Page - Texas Instruments TPS65020_16 Datasheet HTML 29Page - Texas Instruments TPS65020_16 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
TPS65020
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
8.3.9 Low-Dropout Voltage Regulators
The low-dropout voltage regulators are designed to operate well with low-value ceramic input and output
capacitors. They operate with input voltages down to 1.5 V. The LDOs offer a maximum dropout voltage of
300 mV at rated output current. Each LDO supports a current limit feature. Both LDOs are enabled by the
LDO_EN pin, both LDOs can be disabled or programmed through the serial interface using the REG_CTRL and
LDO_CTRL registers. The LDOs also have reverse conduction prevention. This allows the possibility to connect
external regulators in parallel in systems with a backup battery. The TPS65020 step-down and LDO voltage
regulators automatically power down when the VCC voltage drops below the UVLO threshold or when the junction
temperature rises above 160°C.
8.3.10 Undervoltage Lockout
The undervoltage lockout circuit for the five regulators on the TPS65020 prevents the device from malfunctioning
at low-input voltages and from excessive discharge of the battery. It disables the converters and LDOs. The
UVLO circuit monitors the VCC pin, the threshold is set internally to 2.35 V with 5% (120 mV) hysteresis. Note
that when any of the DC-DC converters are running, there is an input current at the VCC pin, which is up to 3 mA
when all three converters are running in PWM mode. This current must be taken into consideration if an external
RC filter is used at the VCC pin to remove switching noise from the TPS65020 internal analog circuitry supply.
8.3.11 Power-Up Sequencing
The TPS65020 power-up sequencing is designed to be entirely flexible and customer driven. This is achieved by
providing separate enable pins for each switch-mode converter, and a common enable signal for the LDOs. The
relevant control pins are described in Table 2.
Table 2. Control Pins and Status Outputs for DC-DC Converters
PIN NAME
INPUT
FUNCTION
OUTPUT
Defines the default voltage of the VDCDC3 switching converter. DEFDCDC3 = 0 defaults VDCDC3 to
DEFDCDC3
I
1.3 V, DEFDCDC3 = VCC defaults VDCDC3 to 1.55 V.
Defines the default voltage of the VDCDC2 switching converter. DEFDCDC2 = 0 defaults VDCDC2 to
DEFDCDC2
I
1.8 V, DEFDCDC2 = VCC defaults VDCDC2 to 2.5 V.
Defines the default voltage of the VDCDC1 switching converter. DEFDCDC1 = 0 defaults VDCDC1 to 3 V,
DEFDCDC1
I
DEFDCDC1 = VCC defaults VDCDC1 to 3.3 V.
DCDC3_EN
I
Set DCDC3_EN = 0 to disable and DCDC3_EN = 1 to enable the VDCDC3 converter
DCDC2_EN
I
Set DCDC2_EN = 0 to disable and DCDC2_EN = 1 to enable the VDCDC2 converter
DCDC1_EN
I
Set DCDC1_EN = 0 to disable and DCDC1_EN = 1 to enable the VDCDC1 converter
The HOT_RESET pin generates a reset (RESPWRON) for the processor.HOT_RESET does not alter any
TPS65020 settings except the output voltage of VDCDC3. Activating HOT_RESET sets the voltage of
HOT_RESET
I
VDCDC3 to its default value defined with the DEFDCDC3 pin. A 1-M
Ω pullup resistor to VCC is integrated
in TPS65020. HOT_RESET is internally de-bounced by the TPS65020.
RESPWRON is held low when power is initially applied to the TPS65020. The VRTC voltage is monitored:
RESPWRON
O
RESWPRON is low when VRTC < 2.4 V and remains low for a time defined by the external capacitor at the
TRESPWRON pin. RESPWRON can also be forced low by activation of the HOT_RESET pin.
TRESPWRON
I
Connect a capacitor here to define the RESET time at the RESPWRON pin. 1 nF typically gives 100 ms.
8.4 Device Functional Modes
The TPS6502x devices are either in the ON or the OFF mode. The OFF mode is entered when the voltage on
VCC is below the UVLO threshold, 2.35 V (typically). Once the voltage at VCC has increased above UVLO, the
device enters ON mode. In the ON mode, the DCDCs and LDOs are available for use.
26
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: TPS65020


Similar Part No. - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHA TI-TPS65020RHA Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAT TI-TPS65020RHAT Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com