Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS65020
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS65020_16 Datasheet HTML 20Page - Texas Instruments TPS65020_16 Datasheet HTML 21Page - Texas Instruments TPS65020_16 Datasheet HTML 22Page - Texas Instruments TPS65020_16 Datasheet HTML 23Page - Texas Instruments TPS65020_16 Datasheet HTML 24Page - Texas Instruments TPS65020_16 Datasheet HTML 25Page - Texas Instruments TPS65020_16 Datasheet HTML 26Page - Texas Instruments TPS65020_16 Datasheet HTML 27Page - Texas Instruments TPS65020_16 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
PFMDCDC3
VINDCDC3
I
leave =
29 W
PFMDCDC2
VINDCDC2
I
leave =
20 W
PFMDCDC1
VINDCDC1
I
leave =
18 W
PFMDCDC3
VINDCDC3
I
enter =
39 W
PFMDCDC2
VINDCDC2
I
enter =
26
PFMDCDC1
VINDCDC
I
enter =
24
1
TPS65020
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
The step-down converter outputs (when enabled) are monitored by power-good (PG) comparators, the outputs of
which are available through the serial interface. The outputs of the DC-DC converters can be optionally
discharged through on-chip 300-
Ω resistors when the DC-DC converters are disabled. This feature can be
enabled using the I2C interface.
During PWM operation, the converters use a unique fast response voltage mode controller scheme with input
voltage feedforward to achieve good line and load regulation allowing the use of small ceramic input and output
capacitors. At the beginning of each clock cycle initiated by the clock signal, the P-channel MOSFET switch is
turned on. The inductor current ramps up until the comparator trips and the control logic turns off the switch. The
current limit comparator also turns off the switch if the current limit of the P-channel switch is exceeded. After the
adaptive dead-time used to prevent shoot through current, the N-channel MOSFET rectifier is turned on, and the
inductor current ramps down. The next cycle is initiated by the clock signal, again turning off the N-channel
rectifier and turning on the P-channel switch.
The three DC-DC converters operate synchronized to each other with the VDCDC1 converter as the master. A
180° phase shift between the VDCDC1 switch turn on and the VDCDC2 and a further 90° shift to the VDCDC3
switch turn on decreases the input RMS current and smaller input capacitors can be used. This is optimized for a
typical application where the VDCDC1 converter regulates a Li-Ion battery voltage of 3.7 V to 3.3 V, the
VDCDC2 converter from 3.7 V to 2.5 V, and the VDCDC3 converter from 3.7 V to 1.5 V. The phase of the three
converters can be changed using the CON_CTRL register.
8.3.3 Power Save Mode Operation
As the load current decreases, the converters enter the power save mode operation. During PSM, the converters
operate in a burst mode (PFM mode) with a frequency between 750 kHz and 1.5 MHz, nominal for one burst
cycle. However, the frequency between different burst cycles depends on the actual load current and is typically
far less than the switching frequency with a minimum quiescent current to maintain high efficiency.
To optimize the converter efficiency at light load, the average current is monitored and if in PWM mode the
inductor current remains below a certain threshold, then PSM is entered. The typical threshold to enter PSM is
calculated using the equations in Equation 1, Equation 2, and Equation 3.
(1)
(2)
(3)
During the PSM the output voltage is monitored with a comparator, and by maximum skip burst width. As the
output voltage falls below the threshold, set to the nominal VO, the P-channel switch turns on and the converter
effectively delivers a constant current defined using the equations in Equation 4, Equation 5, and Equation 6.
(4)
(5)
(6)
If the load is below the delivered current then the output voltage rises until the same threshold is crossed in the
other direction. All switching activity ceases, reducing the quiescent current to a minimum until the output voltage
has again dropped below the threshold. The power save mode is exited, and the converter returns to PWM mode
if either of the following conditions are met:
1. the output voltage drops 2% below the nominal VO due to increasing load current
2. the PFM burst time exceeds 16 × 1 / fs (10.67
μs typical).
24
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: TPS65020


Similar Part No. - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHA TI-TPS65020RHA Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65020RHAT TI-TPS65020RHAT Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020_16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com