Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322RHBT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40322RHBT
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322RHBT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS40322RHBT Datasheet HTML 9Page - Texas Instruments TPS40322RHBT Datasheet HTML 10Page - Texas Instruments TPS40322RHBT Datasheet HTML 11Page - Texas Instruments TPS40322RHBT Datasheet HTML 12Page - Texas Instruments TPS40322RHBT Datasheet HTML 13Page - Texas Instruments TPS40322RHBT Datasheet HTML 14Page - Texas Instruments TPS40322RHBT Datasheet HTML 15Page - Texas Instruments TPS40322RHBT Datasheet HTML 16Page - Texas Instruments TPS40322RHBT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
UDG-10216
22
21
30
28
13
14
8
7
CS2+
PG2
FB2
COMP2
LDRV1
PGND1
ILIM1
CS1+
27
4
5
2
1
32
10
SYNC
PHSET
EN2/SS2/GSNS
PG1
FB1
COMP1
RT
6
AGND
3
EN1/SS1
12
CS2-
29
CS1-
31
24
25
23
UVLO
HDRV1
BOOT1
SW1
18
19
11
LDRV2
PGND2
ILIM2/VSNS
16
15
17
HDRV2
BOOT2
SW2
20 BP6
26
VDD
BP6
Linear
Regulator
Logic
+
OC
UV
OV
Detect
+
ISHARE
BP6
+
+
VREF
10 mA
+
VREF
10 mA
+
FB1
FB2
OV
UV
OC
Ramp
Generator
RAMP1
RAMP2
BP6
+
9
DIFFO
R
R
R
R
VSNS
GSNS
BP6
S
S
BG
VREF
VDD
RAMP1
RAMP2
PWM2
PWM1
TPS40322
www.ti.com
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
7.2 Functional Block Diagram
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS40322


Similar Part No. - TPS40322RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com