Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322RHBT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40322RHBT
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322RHBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS40322RHBT Datasheet HTML 6Page - Texas Instruments TPS40322RHBT Datasheet HTML 7Page - Texas Instruments TPS40322RHBT Datasheet HTML 8Page - Texas Instruments TPS40322RHBT Datasheet HTML 9Page - Texas Instruments TPS40322RHBT Datasheet HTML 10Page - Texas Instruments TPS40322RHBT Datasheet HTML 11Page - Texas Instruments TPS40322RHBT Datasheet HTML 12Page - Texas Instruments TPS40322RHBT Datasheet HTML 13Page - Texas Instruments TPS40322RHBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
0.9994
0.9995
0.9996
0.9997
0.9998
0.9999
1.0000
1.0001
1.0002
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G001
104.0
104.2
104.4
104.6
104.8
105.0
105.2
105.4
105.6
105.8
106.0
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
RRT = 200 kW
VVDD = 12 V
G001
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G001
9.7
9.8
9.9
10.0
10.1
10.2
10.3
10.4
10.5
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G001
230
240
250
260
270
280
290
300
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G001
620
640
660
680
700
720
740
760
780
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G001
TPS40322
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics (continued)
Figure 7. ENx Low-Level Inout Voltage vs Junction
Figure 8. ENx High-Level Inout Voltage vs Junction
Temperature
Temperature
Figure 9. Current Limit vs Junction Temperature
Figure 10. Remote Sense Input Offset Voltage vs Junction
Temperature
Figure 11. Remote Sense Gain vs Junction Temperature
Figure 12. Frequency vs Junction Temperature
10
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: TPS40322


Similar Part No. - TPS40322RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com