Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322RHBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40322RHBT
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322RHBT Datasheet(HTML) 1 Page - Texas Instruments

  TPS40322RHBT Datasheet HTML 1Page - Texas Instruments TPS40322RHBT Datasheet HTML 2Page - Texas Instruments TPS40322RHBT Datasheet HTML 3Page - Texas Instruments TPS40322RHBT Datasheet HTML 4Page - Texas Instruments TPS40322RHBT Datasheet HTML 5Page - Texas Instruments TPS40322RHBT Datasheet HTML 6Page - Texas Instruments TPS40322RHBT Datasheet HTML 7Page - Texas Instruments TPS40322RHBT Datasheet HTML 8Page - Texas Instruments TPS40322RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
22
21
30
28
13
14
8
7
CS2+
PG2
FB2
COMP2
LDRV1
PGND1
ILIM1
CS1+
TPS40322
27
4
5
2
1
32
10
SYNC
PHSET
EN/SS2
PG1
FB1
COMP1
RT
6
AGND
3
EN/SS1
12
CS2–
29
CS1–
31
24
25
23
UVLO
HDRV1
BOOT1
SW1
18
19
11
LDRV2
PGND2
ILIM2
16
15
17
HDRV2
BOOT2
SW2
20
BP6
26
VDD
VOUT1
VOUT2
VIN
3 V to 20 V
9
DIFFO
UDG-10215
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS40322
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
TPS40322 Dual Output or Two-Phase Synchronous Buck Controller
1 Features
3 Description
The TPS40322 device is a dual-output, synchronous
1
Dual-Output or Two-Phase Synchronous Buck
buck controller. It can also be configured as a single-
Controller
output, two-phase controller. The 180° out-of-phase
180° Out-of-Phase Reduces Input Ripple
operation reduces the input current ripple and
Input Voltage Range: 3 V to 20 V
extends the input capacitor lifetime. Bidirectional
master and slave synchronization function provides
Output Voltage Range: 0.6 V to 5.6 V
evenly distributed phase shift for a four-output system
Adjustable Frequency: 100 kHz to 1 MHz
that reduces input ripple further and attenuates the
Bidirectional SYNC Pin With 0°/180° or 90°/270°
system noise.
Phase Shift
The wide input range can support 3.3-V, 5-V, and
Voltage Mode Control With Input Feedforward
12-V buses. The accurate reference voltage satisfies
Accurate Current Sharing for Two-Phase
the
precision
voltage
needed
by
ASICs
and
potentially
reduces
the
output
capacitance
Operation
requirement.
Separate
PGOOD
signals
provide
Individual Power Good Outputs
flexibility for system monitoring and sequencing. The
Individual Enable and Programmable Soft Start,
two channels are independently controlled and each
With Pre-Bias Start-Up
soft-start time is programmable. Voltage mode control
is implemented to reduce noise sensitivity and also
±0.5%, 600-mV Reference
ensures low duty ratio conversion.
Output UV/OV Protection and Input Undervoltage
Lockout
Device Information(1)
Individual Overcurrent Limit Setting
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Hiccup Overcurrent Protection
TPS40322
VQFN (32)
5.00 mm × 5.00 mm
Accurate Inductor DCR or Resistive Current
(1) For all available packages, see the orderable addendum at
Sensing
the end of the data sheet.
Remote Sense for Two-Phase Applications
Simplified Application Circuit
Internal N-Channel FET Drivers
Integrated Bootstrap Switches
Available in 5-mm × 5-mm 32-Pin VQFN Package
2 Applications
Multiple Rail Systems
Telecom Base Station
Switcher and Router Networking
xDSL Broadband Access
Server and Storage System
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS40322RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com