Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322RHBT Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40322RHBT
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322RHBT Datasheet(HTML) 35 Page - Texas Instruments

Back Button TPS40322RHBT Datasheet HTML 31Page - Texas Instruments TPS40322RHBT Datasheet HTML 32Page - Texas Instruments TPS40322RHBT Datasheet HTML 33Page - Texas Instruments TPS40322RHBT Datasheet HTML 34Page - Texas Instruments TPS40322RHBT Datasheet HTML 35Page - Texas Instruments TPS40322RHBT Datasheet HTML 36Page - Texas Instruments TPS40322RHBT Datasheet HTML 37Page - Texas Instruments TPS40322RHBT Datasheet HTML 38Page - Texas Instruments TPS40322RHBT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
1.1960
1.1970
1.1980
1.1990
1.2000
1.2010
1.2020
1.2030
0
5
10
15
20
25
30
Input Current (A)
G001
1.1915
1.1920
1.1925
1.1930
1.1935
1.1940
1.1945
1.1950
1.1955
0
2
4
6
8
10
12
14
16
Input Voltage (µV)
VOUT = 30 A
G001
SW2
(10 V/div)
IL1
(5 A/div)
IL2
(5 A/div)
SW1
(10 V/div)
TPS40322
www.ti.com
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
Table 8. TPS40322 Design Example 2, Two-Phase, Single Output Bill of Materials (continued)
REFERENCE
QTY
DESCRIPTION
PART NUMBER
MFR
DESIGNATOR
R10, R17
1
Resistor, Chip, 1.00
Ω, 1/8 W, ±1%, 0805
Std
Std
R11, R18
2
Resistor, Chip, 5.11
Ω, 1/10 W, ±1% 0603
603
Std
R12, R13
2
Resistor, Chip, 51
Ω, 1/10 W, ±1%, 0603
Std
Std
R14
1
Resistor, Chip, 3.32 k
Ω, 1/10 W, ±1%, 0603
Std
Std
R15
1
Resistor, Chip, 40 k
Ω, 1/10 W, ±1%, 0603
Std
Std
R26, R31
2
Resistor, Chip, 2
Ω, 1/10 W, ±1%, 0603
Std
Std
R20, R21, R22, R23,
0
not used
Std
Std
R24, R25,
U1
1
Dual synchronous buck controller, QFN-32
TPS40322RHB
Texas Instruments
8.2.2.3 Application Curves
Figure 30. Steady-State Switching and Current Sharing
Figure 31. Line Regulation
Figure 32. Load Regulation
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: TPS40322


Similar Part No. - TPS40322RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com