Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322RHBT Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40322RHBT
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322RHBT Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS40322RHBT Datasheet HTML 26Page - Texas Instruments TPS40322RHBT Datasheet HTML 27Page - Texas Instruments TPS40322RHBT Datasheet HTML 28Page - Texas Instruments TPS40322RHBT Datasheet HTML 29Page - Texas Instruments TPS40322RHBT Datasheet HTML 30Page - Texas Instruments TPS40322RHBT Datasheet HTML 31Page - Texas Instruments TPS40322RHBT Datasheet HTML 32Page - Texas Instruments TPS40322RHBT Datasheet HTML 33Page - Texas Instruments TPS40322RHBT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
SS
SS
SS
FB
t
I
2ms
10 A
C
33 nF
V
0.6 V
´
´
m
=
=
»
9
9
RT
SW
20
20
R
40 k
40.2k
f
500 kHz
=
=
=
W »
W
(
)
G1
BOOST
BOOT ripple
Q
7nC
C
70nF
100nF
V
100mV
=
=
=
»
FB
OUT1
FB
V
R10
0.600 V
20.0 k
R14
20 k
V
V
1.2 V
0.600 V
´
´
W
=
=
=
W
-
-
TPS40322
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
www.ti.com
8.2.1.2.8
Feedback Divider (R10, R14)
The TPS40322 controller uses a full operational amplifier with an internally fixed 0.600-V reference. Tha value for
R10 is selected between 10-k
Ω and 50-kΩ for a balance of feedback current and noise immunity. With the R10
resistor set to 20-k
Ω, the output voltage is programmed with a resistor divider given by Equation 24.
(24)
8.2.1.2.9
Compensation: (R11, R12, C17, C19, C21)
Using the TPS40k Loop Stability Tool for an 85-kHz bandwidth and 50° of phase margin with an R10 value of
20.0 k
Ω, and measuring the theoretical results in the laboratory and modifying accordingly for system
optimization yields the following values:
C21 = 10 pF
C17 = 220 pF
C19 = 470 pF
R12 = 4.42 k
Ω
R11 = 82.5 k
Ω
8.2.1.2.10
Boot-Strap Capacitor (C7)
To ensure proper charging of the high-side FET gate, limit the ripple voltage on the boost capacitor to < 100 mV.
(25)
8.2.1.2.11
General Device Components
8.2.1.2.11.1
Synchronization (SYNC Pin)
The SYNC pin must be left open for independent dual outputs.
8.2.1.2.11.2
RT Resistor (R6)
The desired switching frequency is programmed by the current through RRT to GND. the value of RRT is
calculated using Equation 26.
(26)
8.2.1.2.11.3
Differential Amplifier Out (DIFFO Pin)
In dual output configuration the DIFFO pin is not used and must remain open (unconnected).
8.2.1.2.11.4
EN/SS Timing Capacitors (C8)
The soft-start capacitor provides smooth ramp of the error amplifier reference voltage for controlled start-up. The
soft-start capacitor is selected using Equation 27.
(27)
8.2.1.2.11.5
Power Good (PG1, PG2 Pins)
PG1 and PG2 can each be pulled up to BP6 through a 100-k
Ω resistor, or remain not-connected. For sequencing
the start-up of output 1 before output 2, connect PG1 to EN2/SS2; for sequencing the start-up of output 2 before
output 1, connect PG2 to EN1/SS1.
8.2.1.2.11.6
Phase Set (PHSET Pin)
The PHSET pin can be connected to ground or connected to the BP6 pin.
30
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: TPS40322


Similar Part No. - TPS40322RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com