Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322RHBT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40322RHBT
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322RHBT Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS40322RHBT Datasheet HTML 25Page - Texas Instruments TPS40322RHBT Datasheet HTML 26Page - Texas Instruments TPS40322RHBT Datasheet HTML 27Page - Texas Instruments TPS40322RHBT Datasheet HTML 28Page - Texas Instruments TPS40322RHBT Datasheet HTML 29Page - Texas Instruments TPS40322RHBT Datasheet HTML 30Page - Texas Instruments TPS40322RHBT Datasheet HTML 31Page - Texas Instruments TPS40322RHBT Datasheet HTML 32Page - Texas Instruments TPS40322RHBT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
(
)
(
)
(
)
(
)
(
)
OC
CS
OS min
LIM
ILIM min
V
V
A
51.05 mV
3 mV
15 V V
R
85.3 k
86.6 k
I
9.5 A
-
´
- -
´
=
=
=
W @
W
m
(
)
(
)
RIPPLE1
OC
OUT1
I
2.5 A
V
I
1.2
DCR
1.2
10 A
1.2
3.15 m
1.2
51.05 mV
2
2
é
ù
é
ù
æ
ö
æ
ö
=
+
´
´
´
=
+
´
´
W ´
=
ê
ú
ê
ú
ç
÷
ç
÷
è
ø
è
ø
ë
û
ë
û
(
)
(
)
(
)
´
=
-
CS max
DCR
CS max
R13
V
R15
V
V
DCR
L1
0.88 H
R13
2.8 k
C
R
0.1 F
3.15 m
m
=
=
=
W
´
m ´
W
OUT1
IN(min)
V
D
V
=
(
)
(
)
OUT1
RMS cin1
I
I
D
1 D
10 A
0.15 (1 0.15)
3.57 A
=
´
´
-
=
´
´
-
=
(
)
RIPPLE(esr)
MAX
1
OUT1
RIPPLE1
2
V
50mV
ESR
4.44m
11.25 A
I
I
=
=
=
W
+
´
OUT1
OUT1
IN1(min)
RIPPLE(cap)
IN(min)
SW
I
V
10 A 1.2 V
C
15 F
V
V
f
200mV 8 V 500kHz
´
´
=
=
=
m
´
´
´
´
TPS40322
www.ti.com
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
(16)
(17)
The RMS current in the input capacitors is estimated using Equation 18.
(18)
(19)
To achieve these goals, two 0805, 10-µF capacitors, one 0605, 1.0-µF capacitor and one 0402, 0.1-µF X5R
ceramic capacitor are combined at the input.
8.2.1.2.6
MOSFET Selection (Q1)
Texas Instruments CSD86330, 20-A power block device was chosen. This device incorporates the high-side and
low-side MOSFETs in a single 3 mm x 3 mm package. The high-side MOSFET has an on-resistance (RDS(on)) of
8.8 m
Ω, while the low-side on-resistance (RDS(on)) is 4.6 mΩ, both at 4.5 V gate voltage. A 5.11-Ω gate resistor is
used on the HDRV pin on each device for added noise immunity.
8.2.1.2.7
ILIM Resistor (R2)
The output current is sensed across the DCR of the L1 output inductor. An RC combination having a time
constant equal to that of the L1 inductance and the DCR is used to extract the current information as a voltage. A
standard capacitor value of 0.1-µF is used. The resistor, R13, can be calculated using Equation 20.
(20)
A standard 3.09-k
Ω resistor was selected.
This design limits the maximum voltage drop across the current sense inputs, VCS(max), to 50 mV. If the voltage
drop across the DCR of the inductor is greater than VCS(max), after allowing for 20% overshoot spikes and a 20%
variation in the DCR value, then a resistor is added to divide the voltage down to 50 mV. The divider resistor,
R15, is calculated by Equation 21.
where
VDCR = (DCR × 1.2) × (IL(peak) × 1.2)
(21)
The maximum DCR voltage drop is given by Equation 22.
(22)
The current limit resistor is calculated using the minimum ILIM programming current, IILIM(min), the maximum
current sense amplifier gain, ACS, and assuming a current sense amplifier minimum input offset voltage, VOS(min)
equal to –3 mV.
(23)
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TPS40322


Similar Part No. - TPS40322RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com