Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS40322_16 Datasheet HTML 10Page - Texas Instruments TPS40322_16 Datasheet HTML 11Page - Texas Instruments TPS40322_16 Datasheet HTML 12Page - Texas Instruments TPS40322_16 Datasheet HTML 13Page - Texas Instruments TPS40322_16 Datasheet HTML 14Page - Texas Instruments TPS40322_16 Datasheet HTML 15Page - Texas Instruments TPS40322_16 Datasheet HTML 16Page - Texas Instruments TPS40322_16 Datasheet HTML 17Page - Texas Instruments TPS40322_16 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
æ
ö
=
´
+
ç
÷
è
ø
A
OUT
BIAS
R
V
0.6 V
1
R
RA
+
RBIAS
COMPx
UDG-11111
VREF
VOUTx
FBx
AGND
TPS40322
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
www.ti.com
7.3 Feature Description
7.3.1 Voltage Reference
The 600-mV band gap cell is internally connected to the non-inverting input of the error amplifier. The reference
voltage is trimmed with the error amplifier in a unity gain configuration to remove amplifier offset from the final
regulation voltage. The 0.5% tolerance on the reference voltage allows the user to design a very accurate power
supply.
7.3.2 Output Voltage Setting
The output voltages of the TPS40322 are set by using external feedback resistor dividers as shown in Figure 15.
The regulated output voltage (VOUT) is determined by Equation 1.
Figure 15. Setting the Output Voltage
(1)
7.3.3 Input Voltage Feedforward
The TPS40322 uses input voltage feedforward to maintain a constant power stage gain as the input voltage
varies and provides very good response to input voltage transient disturbances. The simple constant power
stage gain of the controller greatly simplifies feedback loop design because the loop characteristics remain
constant as the input voltage changes, unlike a typical buck converter without voltage feedforward. For modeling
purposes, the gain from the COMP pin to the average voltage at the input of the L-C filter is typically 8.5 V/V.
14
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: TPS40322


Similar Part No. - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com