Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40322_16 Datasheet HTML 3Page - Texas Instruments TPS40322_16 Datasheet HTML 4Page - Texas Instruments TPS40322_16 Datasheet HTML 5Page - Texas Instruments TPS40322_16 Datasheet HTML 6Page - Texas Instruments TPS40322_16 Datasheet HTML 7Page - Texas Instruments TPS40322_16 Datasheet HTML 8Page - Texas Instruments TPS40322_16 Datasheet HTML 9Page - Texas Instruments TPS40322_16 Datasheet HTML 10Page - Texas Instruments TPS40322_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
TPS40322
www.ti.com
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
6.5 Electrical Characteristics
TJ = –40°C to 125°C, VVDD = 12 V, RRT = 40 kΩ, fSW = 500 kHz (unless otherwise noted),
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VDD
Input voltage range
3
20
V
IDDSDN
Shutdown
VENx/SSx = 0 V
200
250
µA
IDDQ
Quiescent, non-switching
VFB = 0.65 V, ENx/SSx float
6
8
mA
UVLO
UVLO
Minimum turn-on voltage
1.21
1.24
1.27
V
UVLOHYS
Hysteresis current
13
15
17
μA
BP REGULATOR
BP
Regulator voltage
7 V
≤ VVDD ≤ 20 V
6.2
6.5
6.8
V
VDO
Regulator dropout voltage
IBP = 25 mA, VVDD = 3 V
50
100
mV
IBP
Regulator continuous current limit(1)
100
mA
VBPUVLO
Regulator output UVLO
2.40
2.70
2.95
V
VBPUVLO-HYS
Regulator output UVLO hysteresis
180
210
250
mV
OSCILLATOR AND RAMP GENERATOR
100
1000
kHz
fSW
Oscillator frequency
RRT = 40 kΩ
450
500
550
kHz
VRAMP
Ramp amplitude (peak-to-peak)
3 V < VVDD < 20 V
VDD / 8.5
V
VVAL
Valley voltage
0.85
V
fSYNC
SYNC frequency range
200
2000
kHz
tPW(sync)
SYNC input minimum pulse width
100
ns
VH(sync)
Rising edge threshold to set sync pulse
2
V
VL(sync)
Falling edge threshold to reset sync pulse
0.8
V
fMASTER
Master clock frequency
200
2000
kHz
Percent of master frequency for
ΔfSYNC
–20%
20%
synchronization
Master
0°/180° phase shift
0.5
V
VPHSET
Slave
0°/180° phase shift
0.6
2
V
Slave
90°/270° phase shift
2.1
V
PWM
PWM(off)
Minimum PWM off-time
90
130
ns
tON(min)
Minimum controllable pulse width
See (1)
90
ns
tDEAD
Output driver dead time
HDRV off to LDRV on
20
35
40
ns
tDEAD
Output driver dead time
LDRV off to HDRV on
20
35
40
ns
ERROR AMPLIFIER AND VOLTAGE REFERENCE
0°C < TJ < 70°C
597
600
603
VFB
FB input voltage
mV
–40°C < TJ < 125°C
594
600
606
IFB
FB input bias current
20
75
nA
GBWP
Unity gain bandwidth
See (1)
24
MHz
AVOL
Open loop gain
See (1)
80
dB
IOH
High-level output current
3
mA
IOL
Low-level output current
9
mA
(1)
Specified by design. Not production tested.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS40322


Similar Part No. - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com