Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 5 Page - Texas Instruments

  TPS40322_16 Datasheet HTML 1Page - Texas Instruments TPS40322_16 Datasheet HTML 2Page - Texas Instruments TPS40322_16 Datasheet HTML 3Page - Texas Instruments TPS40322_16 Datasheet HTML 4Page - Texas Instruments TPS40322_16 Datasheet HTML 5Page - Texas Instruments TPS40322_16 Datasheet HTML 6Page - Texas Instruments TPS40322_16 Datasheet HTML 7Page - Texas Instruments TPS40322_16 Datasheet HTML 8Page - Texas Instruments TPS40322_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
TPS40322
www.ti.com
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
PIN
Logic level input which starts or stops CH2. Letting this pin float turns CH2 on. Pulling this pin low disables
CH2. This is also the soft-start programming pin. A capacitor connected from this pin to AGND programs
the soft-start time. The capacitor is charged with an internal current source of 10
μA. The resulting voltage
EN2/SS2/GSNS
10
I
ramp of this pin is also used as a second non-inverting input to the error amplifier 2 after a 0.8 V (typical)
level shift downwards. In two-phase mode, this pin becomes GSNS as the negative terminal of a remote
sense amplifier.
Inverting input to the error amplifier. During normal operation, the voltage on this pin is equal to the internal
FB1
4
I
reference voltage.
Inverting input to the error amplifier. During normal operation, the voltage on this pin is equal to the internal
FB2
8
I
reference voltage. Connecting the FB2 pin to the BP6 pin enables two-phase mode and disables the error
amplifier 2.
Bootstrapped gate drive output for the high-side N-channel MOSFET for CH1. A 2-
Ω resistor is
HDRV1
24
O
recommended for a noisy environment.
Bootstrapped gate drive output for the high-side N-channel MOSFET for CH2. A 2-
Ω resistor is
HDRV2
16
O
recommended for a noisy environment.
Used to set the overcurrent limit for CH1 with 10
μA of current flowing through a resistor from this pin to
ILIM1
30
I
AGND.
Used to set the overcurrent limit for CH2 with 10
μA of current flowing through a resistor from this pin to
ILIM2/VSNS
11
I
AGND. In two-phase mode, this pin becomes VSNS as the positive terminal of a remote sense amplifier.
LDRV1
22
O
Gate drive output for the low-side synchronous rectifier (SR) N-channel MOSFET for CH1.
LDRV2
18
O
Gate drive output for the low-side synchronous rectifier (SR) N-channel MOSFET for CH2.
PG1
27
O
Open drain power good indicator for CH1 output voltage.
PG2
14
O
Open drain power good indicator for CH2 output voltage.
Power ground 1. Separate power ground for CH1 and CH2 in the PCB layout could potentially reduce
PGND1
21
channel to channel interference.
Power ground 2. Separate power ground for CH1 and CH2 in the PCB layout could potentially reduce
PGND2
19
channel to channel interference.
Used to set master or slave mode and phase angles. The master emits a 50% duty clock to the slave. The
PHSET
32
I
slave synchronizes to the external clock and select the phase shift angle.
RT
2
I
Connect a resistor from this pin to AGND to set the oscillator frequency.
SW1
23
I
Connect to the switched node on converter CH1. It is the return for the CH 1 high-side gate driver.
SW2
17
I
Connect to the switched node on converter CH2. It is the return for the CH 2 high-side gate driver.
In master mode, a 2x free running frequency clock is sent out on SYNC pin. In slave mode, sync to an
external clock which is ±20% of the free running MASTER_CLOCK frequency. The MASTER_CLOCK
SYNC
1
I/O
frequency is 2x of the free running frequency (set by RT) and operates at 50% duty cycle. When not being
used, SYNC must be left floating.
UVLO
31
I
A resistor divider from VIN determines the input voltage that the controller starts.
Power input to the controller. A low ESR bypass ceramic capacitor of 0.1
μF or greater must be connected
VDD
26
I
closely from this pin to AGND.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS40322


Similar Part No. - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com