Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 36 Page - Texas Instruments

Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS40322_16 Datasheet HTML 32Page - Texas Instruments TPS40322_16 Datasheet HTML 33Page - Texas Instruments TPS40322_16 Datasheet HTML 34Page - Texas Instruments TPS40322_16 Datasheet HTML 35Page - Texas Instruments TPS40322_16 Datasheet HTML 36Page - Texas Instruments TPS40322_16 Datasheet HTML 37Page - Texas Instruments TPS40322_16 Datasheet HTML 38Page - Texas Instruments TPS40322_16 Datasheet HTML 39Page - Texas Instruments TPS40322_16 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
TPS40322
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
www.ti.com
9 Power Supply Recommendations
This device is designed to operate from an input voltage supply between 3 V and 20 V. There is also input
voltage and switch node limitation from MOSFET. The proper bypassing of input supplies is critical for noise
performance. See the particular MOSFET data sheet that pertains to the end application for more information.
10 Layout
10.1 Layout Guidelines
10.1.1 Power Stage
A synchronous BUCK power stage has two primary current loops. The input current loop carries high AC
discontinuous current while the output current loop carries high DC continuous current. The input current loop
includes the input capacitors, the main switching MOSFET, the inductor, the output capacitors and the ground
path back to the input capacitors. To maintain the loop as small as possible, it is generally good practice to place
some ceramic capacitance directly between the drain of the main switching MOSFET and the source of the
synchronous rectifier (SR) through a power ground plane directly under the MOSFETs. The output current loop
includes the SR MOSFET, the inductor, the output capacitors, and the ground return between the output
capacitors and the source of the SR MOSFET. As with the input current loop, the ground return between the
output capacitor ground and the source of the SR MOSFET must be routed under the inductor and SR MOSFET
to minimize the power loop area. The SW node area must be as small as possible to reduce the parasitic
capacitance and minimize the radiated emissions. The gate drive loop impedance (HDRV-gate-source-SW and
LDRV-gate-source- GND) must be kept to as low as possible. The HDRV and LDRV connections must widen to
20 mils as soon as possible out from the device pin.
10.1.2 Device Peripheral
The TPS40322 provides separate signal ground (AGND) and power ground (PGND1 and PGND2) pins. It is
required to properly separate the circuit grounds. The return path for the pins associated with the power stage
must be through PGND. The other pins (especially for those sensitive pins such as FB1, FB2, RT, ILIM1, and
ILIM2) must be through the low noise AGND. The AGND and PGND planes are suggested to be connected at
the output capacitor with single 20-mil trace. A minimum 0.1-µF ceramic capacitor must be placed as close to the
VDD pin and AGND as possible with at least 15-mil wide trace from the bypass capacitor to the AGND. A
minimum value of 3.3-µF ceramic capacitor must be connected from BP6 to PGND, placed as close to the BP6
pin as possible. When DCR sensing method is applied, the sensing resistor must be placed close to the SW
node and connected to the inductor with a kelvin connection. The sensing traces from the power stage to the
chip must be away from the switching components. The sensing capacitor must be placed very close to the CS+
and CS- pins for each output. The frequency setting resistor must be placed as close to RT pin and AGND as
possible. In two-phase mode, the ILIM2/VSNS and EN2/SS2/GSNS pins must be directly connected to the point
of load where the voltage regulation is required. A parallel pair of 10-mil traces connects the regulated voltage
back to the chip. They must be away from the switching components.
10.1.3 Thermal Pad Layout
The Thermal pad package provides low thermal impedance for heat removal from the device. The Thermal pad
derives its name and low thermal impedance from the large bonding pad on the bottom of the device. The circuit
board must have an area of solder-tinned-copper underneath the package. The dimensions of this area depend
on the size of the Thermal pad package.
Thermal vias connect this area to internal or external copper planes and must have a drill diameter sufficiently
small so that the via hole is effectively plugged when the barrel of the via is plated with copper. This plug is
needed to prevent wicking the solder away from the interface between the package body and the solder-tinned
area under the device during solder reflow. Drill diameters of 0.33 mm (13 mils) works well when 1-oz. copper is
plated at the surface of the board while simultaneously plating the barrel of the via. If the thermal vias are not
plugged when the copper plating is performed, then a solder mask material must be used to cap the vias with a
diameter equal to the via diameter plus 0.1 mm minimum. This capping prevents the solder from being wicked
through the thermal vias and potentially creating a solder void under the package.
36
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: TPS40322


Similar Part No. - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com