Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 34 Page - Texas Instruments

Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TPS40322_16 Datasheet HTML 30Page - Texas Instruments TPS40322_16 Datasheet HTML 31Page - Texas Instruments TPS40322_16 Datasheet HTML 32Page - Texas Instruments TPS40322_16 Datasheet HTML 33Page - Texas Instruments TPS40322_16 Datasheet HTML 34Page - Texas Instruments TPS40322_16 Datasheet HTML 35Page - Texas Instruments TPS40322_16 Datasheet HTML 36Page - Texas Instruments TPS40322_16 Datasheet HTML 37Page - Texas Instruments TPS40322_16 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
TPS40322
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
www.ti.com
8.2.2.1 Design Requirements
The design goal parameters are listed in Table 7.
Table 7. TPS40322 Design Example 2 Specification
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VIN
Input voltage
4.5
15
V
VOUT
Output voltage
IOUT(min) ≤ IOUT ≤ IOUT(max)
1.2
V
Line regulation
VIN(min) ≤ VIN ≤ VIN(max)
0.5%
Load regulation
IOUT(min) ≤ IOUT ≤ IOUT(max)
0.5%
VRIPPLE
Output ripple
IOUT1 = IOUT1(max)
12
mV
VOVER
Output overshoot
ΔIOUT1 = 5 A
40
mV
VUNDER
Output undershoot
ΔIOUT1 = 5A
40
mV
IOUT
Output current
VIN(min) ≤ VIN ≤ VIN(max)
0
30
A
tSS
Soft-start time
VIN = 12 V
2
ms
η
Efficiency
VIN = 12 V, IOUT1 = IOUT2 = 10 A
88%
fSW
Switching frequency
500
kHz
8.2.2.2 Detailed Design Procedure
Inductor Selection (L1) through General Device Components show equations and calculations regarding VOUT1.
VOUT2 values can be calculated using similar equations. See Table 8 for the list of materials.
Table 8. TPS40322 Design Example 2, Two-Phase, Single Output Bill of Materials
REFERENCE
QTY
DESCRIPTION
PART NUMBER
MFR
DESIGNATOR
C1, C2, C3, C31,
6
Capacitor, Ceramic, 22 µF, 25 V, X5R, ±20%, 1210
Std
Std
C32, C33
C4, C18, C28, C30
4
Capacitor, Ceramic, 1 µF, 50 V, X7R, ±10%, 0603
Std
Std
C5, C6, C7, C22, C29
5
Capacitor, Ceramic, 0.1 µF, 50 V, X7R, ±10%, 0603
Std
Std
C8, C21
2
Capacitor, Ceramic, 6.8 nF, 50 V, X7R, ±10%, 0805
Std
Std
C9
1
Capacitor, Ceramic, 2.2 nF, 16 V, X7R, ±10%, 0603
Std
Std
C10, C11, C12, C13,
Capacitor, Polymer Aluminum, 220 µF, 4 V, ±20%,
8
EEFSE0G221R
Panasonic - ECG
C23, C24, C25, C26
5m
Ω ESR
C14, C27
2
Capacitor, Ceramic, 22 µF, 6.3 V, X5R, ±10%, 0805
Std
Std
C15
1
Capacitor, Ceramic, 8.2 nF, 16 V, X7R, ±10%, 0603
Std
Std
C16
1
Capacitor, Ceramic, 330 pF, 16 V, X7R, ±10%, 0603
Std
Std
C17
1
Capacitor, Ceramic, 22 nF, 50 V, X7R, ±10%, 0603
Std
Std
C19, C20
2
Capacitor, Ceramic, 4.7 µF, 16 V, X7R, ±10%, 0805
Std
Std
C38, C39
2
Capacitor, Aluminum, 100 µF, 25 V, ±20%, F8
ECE-V1EA101XP
Panasonic - ECG
Inductor, SMT, 0.47 µH, ±20%, 1.2 m
Ω, 0.512" x
L1, L2
2
IHLP5050FDERR47M01 Vishay/Dale
0.571"
Q1, Q4
2
MOSFET, N-channel, 30 V, 30 A, 8 m
Ω, 5-LFPAK
RJK0305
Renesas Electronics
Q2, Q3
2
MOSFET, N-channel, 30 V, 60 A, 2.1 m
Ω, 5-LFPAK
RJK0328
Renesas Electronics
R1
1
Resistor, Chip, 42 k
Ω, 1/10 W, ±1%, 0603
Std
Std
R2
1
Resistor, Chip, 100 k
Ω, 1/10 W, ±1%, 0603
Std
Std
R3, R19
2
Resistor, Chip, 4.7 k
Ω, 1/10 W, ±1%, 0603
Std
Std
R4
1
Resistor, Chip, 38.5 k
Ω, 1/10 W, ±1%, 0603
Std
Std
R5
1
Resistor, Chip, 49.9
Ω, 1/10 W, ±1%, 0603
Std
Std
R6, R8, R16
3
Resistor, Chip, 10 k
Ω, 1/10 W, ±1%, 0603
Std
Std
R7, R27, R28, R29,
5
Resistor, Chip, 0
Ω, 1/10 W, ±1%, 0603
Std
Std
R30
R9
1
Resistor, Chip, 511
Ω, 1/10 W, ±1%
Std
Std
34
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: TPS40322


Similar Part No. - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com