Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 31 Page - Texas Instruments

Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS40322_16 Datasheet HTML 27Page - Texas Instruments TPS40322_16 Datasheet HTML 28Page - Texas Instruments TPS40322_16 Datasheet HTML 29Page - Texas Instruments TPS40322_16 Datasheet HTML 30Page - Texas Instruments TPS40322_16 Datasheet HTML 31Page - Texas Instruments TPS40322_16 Datasheet HTML 32Page - Texas Instruments TPS40322_16 Datasheet HTML 33Page - Texas Instruments TPS40322_16 Datasheet HTML 34Page - Texas Instruments TPS40322_16 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
100
1000
10000
100000
1000000
−60
−40
−20
0
20
40
60
80
100
−135
−90
−45
0
45
90
135
180
225
Frequency (Hz)
Gain
Phase
G001
100
1000
10000
100000
1000000
−60
−40
−20
0
20
40
60
80
100
−135
−90
−45
0
45
90
135
180
225
Frequency (Hz)
Gain
Phase
G001
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
7
8
9
10
Output Current (A)
VIN = 8 V
VIN = 12 V
VIN = 15 V
VOUT = 1.2 V
G001
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
7
8
9
10
Output Current (A)
VIN = 8 V
VIN = 12 V
VIN = 15 V
VOUT = 1.8 V
G001
(
)
(
) (
)
(
)
UVLO(max)
UVLO set
UVLO hys
UVLO(on _ min)
UVLO(max)
V
1.25 V
R
R
68.1k
12.6k
12.7k
8.0 V 1.25 V
V
V
>
´
=
W
=
W »
W
-
-
(
)
( )
( )
UVLO on
UVLO off
UVLO hys
UVLO
V
V
8 V
7 V
R
66.7k
68.1k
I
15 A
-
-
=
=
=
W »
W
m
TPS40322
www.ti.com
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
8.2.1.2.11.7
UVLO Programming Resistors (R1 and R3)
The UVLO hysteresis level is programmed by R1 with Equation 28 and Equation 29.
(28)
(29)
8.2.1.2.11.8
VDD Bypass Capacitor (C2)
As shown in the Pin Configuration and Functions section, use a 0.1-µF, 50-V, X7R capacitor for VDD bypass.
8.2.1.2.11.9
VBP6 Bypass Capacitor (C18)
Select a 3.3-µF (or greater) low ESR capacitor for BP6. For this design use a 3.3-µF, X5R ceramic capacitor.
8.2.1.3 Application Curves
Figure 24. Efficiency vs Load Current (8 V to 15 V to 1.2 V
Figure 25. Efficiency vs Load Current (8 V to 15 V to 1.8 V
at 10 A, Design Example 1)
at 10 A, Design Example 1)
Figure 26. Design Example 1 Loop Response
Figure 27. Design Example 1 Loop Response
VIN = 12 V, VOUT1 = 1.2 V, IOUT1 = 10 A, 80-kHz Bandwidth,
VIN = 12 V, VOUT2 = 1.8 V, IOUT2 = 10 A, 80-kHz Bandwidth,
50° Phase Margin
50° Phase Margin
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: TPS40322


Similar Part No. - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com