Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 28 Page - Texas Instruments

Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS40322_16 Datasheet HTML 24Page - Texas Instruments TPS40322_16 Datasheet HTML 25Page - Texas Instruments TPS40322_16 Datasheet HTML 26Page - Texas Instruments TPS40322_16 Datasheet HTML 27Page - Texas Instruments TPS40322_16 Datasheet HTML 28Page - Texas Instruments TPS40322_16 Datasheet HTML 29Page - Texas Instruments TPS40322_16 Datasheet HTML 30Page - Texas Instruments TPS40322_16 Datasheet HTML 31Page - Texas Instruments TPS40322_16 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
(
)
(
)
(
)
1
1
OUT1(max)
RIPPLE1
CHARGE
L1 peak
2
2
I
I
I
I
10 A
2.5A
0.281A
11.53 A
=
+
´
+
=
+
´
+
=
(
)
OUT1
OUT1
CHARGE
SS
1.2 V
2
220 F
2
10 F
2
3.3 F
1 F
V
C
I
0.281A
t
2ms
´
´
m + ´
m + ´
m + m
´
=
=
=
RIPPLE1
RIPPLE1
RIPPLE1
RIPPLE(cap)
OUT1
SW
MAX
RIPPLE1
RIPPLE1
I
2.5 A
V
24mV
V
V
8 C
f
8 458 F 500kHz
ESR
9m
I
I
2.5 A
æ
ö
æ
ö
-
-
ç
÷
ç
÷
-
´
´
´
m ´
è
ø
è
ø
=
=
=
=
W
(
)
2
2
OUT1
OUT1(min)
OUT
OVER1
I
L1
5
0.88 H
C
458 F
V
V
1.2 40mV
D
´
´
m
=
=
=
m
´
´
(
)
(
)
2
OUT1
OUT1
OUT1
OUT1
UNDER1
OUT1
OUT1
IN
OUT1
IN
OUT1
OUT1
I
L1
I
I
I
L1
V
t
C
C
V
V
V
V
C
D
´
D
D
D
´
<
´ D =
´
=
-
-
´
(
)
D
´
D
D
D
´
<
´ D =
´
=
´
2
OUT1
OUT1
OUT1
OUT1
OVER1
OUT1
OUT1
OUT1
OUT1
OUT1
I
L1
I
I
I
L1
V
t
C
C
V
V
C
TPS40322
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
www.ti.com
8.2.1.2.3
Output Capacitor Selection (C10 through C16)
The selection of the output capacitor is typically driven by the output transient response requirement. Equation 10
and Equation 11 over-estimate the voltage deviation to account for delays in the loop bandwidth and can be used
to determine the required output capacitance:
(10)
(11)
When VIN(min) > 2 x VOUT1, use the overshoot equation, VOVER1, to calculate minimum output capacitance. When
VIN(min) < 2 x VOUT1 use Equation 11, VUNDER1, to calculate minimum output capacitance. In this design example,
VIN(min) is much larger than 2 x VOUT1 so Equation 12 is used to determine the required minimum output
capacitance.
(12)
With a minimum capacitance, the maximum allowable ESR is determined by the maximum ripple voltage and is
approximated by Equation 13.
(13)
Two 220-µF, 4-V, aluminum electrolytic capacitors were chosen for load response requirements. Additionally two
0805 10-µF, X7R, along with two 0603, 3.3-µF X5R, and one 1-µF, X5R ceramic capacitors are selected for low
ESR and high frequency decoupling.
8.2.1.2.4
Peak Current Rating of Inductor
With the output capacitance known, it is possible to calculate the charge current during start-up and determine
the minimum saturation current rating for the inductor. The start-up charging current is approximated using
Equation 14.
(14)
(15)
Table 5. Inductor Requirements Summary
PARAMETER
VALUE
UNIT
L1
Inductance
0.88
µH
IL1_RMS
RMS current (thermal rating)
10.026
A
IL1_PEAK
Peak current (saturation rating)
11.53
A
A 744314110 from Wurth Electronics with 1.1-µH zero current inductance is selected. Inductance for this part is
0.88-µH at 10-A bias. This 15-A, 3.15-m
Ω inductor exceeds the minimum inductor ratings in a 7-mm x 7-mm
package.
8.2.1.2.5
Input Capacitor Selection (C3 through C6)
The input voltage ripple is divided between the capacitance and ESR of the input capacitor. For this design
VRIPPLE(cap) = 200 mV and VRIPPLE(esr) = 50 mV. The minimum capacitance and maximum ESR are estimated
using Equation 16.
28
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: TPS40322


Similar Part No. - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com