Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS40322_16 Datasheet HTML 22Page - Texas Instruments TPS40322_16 Datasheet HTML 23Page - Texas Instruments TPS40322_16 Datasheet HTML 24Page - Texas Instruments TPS40322_16 Datasheet HTML 25Page - Texas Instruments TPS40322_16 Datasheet HTML 26Page - Texas Instruments TPS40322_16 Datasheet HTML 27Page - Texas Instruments TPS40322_16 Datasheet HTML 28Page - Texas Instruments TPS40322_16 Datasheet HTML 29Page - Texas Instruments TPS40322_16 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
TPS40322
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
www.ti.com
8.2.1.1 Design Requirements
The design goal parameters are listed in Table 3.
Table 3. TPS40322 Dual Output Design Example Specification
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VIN
Input voltage
8
12
15
V
VIN(ripple)
Input ripple
IOUT1 = IOUT2 = 10 A
0.25
V
OUTPUT 1 CHARACTERISTICS
VOUT1
Output voltage
IOUT1(min) ≤ IOUT1 ≤ IOUT1(max)
1.2
V
Line regulation
VIN(min) ≤ VIN ≤ VIN(max)
0.5%
Load regulation
IOUT1(min) ≤ IOUT1 ≤ IOUT1(max)
0.5%
VRIPPLE1
Output ripple
IOUT1 = IOUT1(max)
24
mV
VOVER1
Output overshoot
ΔIOUT1 = 5 A
40
mV
VUNDER1
Output undershoot
ΔIOUT1 = 5A
40
mV
IOUT1
Output current
VIN(min) ≤ VIN ≤ VIN(max)
0
10
A
ISCP1
Short circuit current trip point
15
A
OUTPUT 2 CHARACTERISTICS
VOUT2
Output voltage
IOUT2(min) ≤ IOUT2 ≤ IOUT2(max)
1.8
V
Line regulation
VIN(min) ≤ VIN ≤ VIN(max)
0.5%
Load regulation
IOUT2(min) ≤ IOUT2 ≤ IOUT2(max)
0.5%
VRIPPLE2
Output ripple
IOUT2 = IOUT2(max)
36
mV
VOVER2
Output overshoot
ΔIOUT2 = 5 A
40
mV
VUNDER2
Output undershoot
ΔIOUT2 = 5 A
40
mV
IOUT2
Output current
VIN(min) ≤ VIN ≤ VIN(max)
0
10
A
ISCP2
Short circuit current trip point
15
A
GENERAL CHARACTERSTICS
tSS
Soft-start time
VIN = 12 V
2
ms
η
Efficiency
VIN = 12 V, IOUT1= IOUT2 = 10 A
88%
fSW
Switching frequency
500
kHz
8.2.1.2 Detailed Design Procedure
Inductor Selection (L1) through General Device Components show equations and calculations regarding VOUT1.
VOUT2 values can be calculated using similar equations. See Table 4 for the list of materials.
Table 4. Design Example 1, Dual-Output List of Materials
REFERENCE
QTY
DESCRIPTION
PART NUMBER
MFR
DESIGNATOR
Capacitor, Aluminum, 100 µF, 35 V, ±20%, 0.328 x
C1
1
EEV-FK1V101GP
Panasonic - ECG
0.328 inch
C2, C7, C20, C26,
5
Capacitor, Ceramic, 0.1 µF, 50 V, X7R, ±10%, 0603
Std
Std
C39
C3, C35
2
Capacitor, Ceramic, 0.1 µF, 25 V, X5R, ±10%, 0402
Std
Std
C4, C36
2
Capacitor, Ceramic, 1.0 µF, 25 V, X7R, ±10%, 0603
Std
Std
C5, C6, C37, C38
4
Capacitor, Ceramic, 10 µF, 25 V, X5R, ±10%, 0805
Std
Std
C8, C25
2
Capacitor, Ceramic, 33 nF, 16 V, X7R, ±10%, 0603
Std
Std
Capacitor, Ceramic, 470 pF, 25 V, C0G, NP0, ±5%,
C9, C19, C22, C34
4
Std
Std
0603
C10, C27
2
Capacitor, Ceramic, 1.0 µF, 6.3 V, X5R, ±10%, 0402
Std
Std
C11, C12, C18, C28,
5
Capacitor, Ceramic, 3.3 µF, 10 V, X5R, ±10%, 0603
C1608X5R1A335K
TDK Corporation
C29
26
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: TPS40322


Similar Part No. - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com