Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS40322_16 Datasheet HTML 17Page - Texas Instruments TPS40322_16 Datasheet HTML 18Page - Texas Instruments TPS40322_16 Datasheet HTML 19Page - Texas Instruments TPS40322_16 Datasheet HTML 20Page - Texas Instruments TPS40322_16 Datasheet HTML 21Page - Texas Instruments TPS40322_16 Datasheet HTML 22Page - Texas Instruments TPS40322_16 Datasheet HTML 23Page - Texas Instruments TPS40322_16 Datasheet HTML 24Page - Texas Instruments TPS40322_16 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
PWM1
PWM2
180°
SYNC
SYNC
PWM1
90°
PWM2
270°
PWM1
PWM2
TPS40322
Master
TPS40322
Slave
PWM1
PWM2
PHSET
PHSET
BP6
UDG-11117
TPS40322
www.ti.com
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
Figure 21. Synchronizing Two TPS40322 Devices
7.3.9 Overvoltage and Undervoltage Fault Protection
The TPS40322 has output overvoltage protection and undervoltage protection capability. The comparators that
regulate the overvoltage and undervoltage conditions use the FBx pin as the output sensing point so the filtering
effect of the compensation network connected from COMPx to FBx has an effect on the speed of detection. As
the output voltage rises or falls below the nominal value, the error amplifier attempts to force FBx to match its
reference voltage. When the error amplifier is no longer able to do this, the FB pin begins to drift and trip the
overvoltage threshold (VOVP) or the undervoltage threshold (VUVP) as described in the Electrical Characteristics
table.
When an undervoltage fault is detected, the TPS40322 enters hiccup mode and resumes normal operation when
the fault is cleared.
When an overvoltage fault is detected, the TPS40322 turns off the high-side MOSFET and latches on the low-
side MOSFET to discharge the output current to the regulation level (within the Power Good window).
When operating in dual-channel mode, both channels have identical yet independent protection schemes, which
means one channel is not affected when the other channel is in fault mode.
When operating in two-phase mode, only the FB1 pin is detected for overvoltage and undervoltage fault.
Therefore both channels take action together during a fault.
7.3.10 Input Undervoltage Lockout (UVLO)
A dedicated UVLO pin allows the user to program the desired input turn-on threshold voltage. The diagram is
shown in Figure 22. The desired input turn-on threshold can be calculated using Equation 6. The input turn off
hysteresis can be calculated using Equation 7.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS40322


Similar Part No. - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com