Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS40322_16 Datasheet HTML 16Page - Texas Instruments TPS40322_16 Datasheet HTML 17Page - Texas Instruments TPS40322_16 Datasheet HTML 18Page - Texas Instruments TPS40322_16 Datasheet HTML 19Page - Texas Instruments TPS40322_16 Datasheet HTML 20Page - Texas Instruments TPS40322_16 Datasheet HTML 21Page - Texas Instruments TPS40322_16 Datasheet HTML 22Page - Texas Instruments TPS40322_16 Datasheet HTML 23Page - Texas Instruments TPS40322_16 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
´
=
9
RT
SW
20
10
R
f
TPS40322
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
7.3.7.2 Prebiased Output Start-Up
The TPS40322 contains a circuit that prevents current from being pulled from the output during the start-up
sequence in a pre-biased output condition. There are no PWM pulses until the internal soft-start voltage rises
above the error amplifier input (FBx pin), if the output is pre-biased. Once the soft-start voltage exceeds the error
amplifier input, the device slowly initiates synchronous rectification by starting the synchronous rectifier with a
narrow on-time. It then increments that on-time on a cycle-by-cycle basis until it coincides with the time dictated
by (1-D), where D is the duty cycle of the converter. This approach prevents the sinking of current from a pre-
biased output, and ensures the output voltage start-up and ramp-to-regulation sequences are smooth and
controlled.
DESIGN NOTE
During the soft-start sequence, when the PWM pulse width is shorter than the minimum
controllable on-time, which is generally caused by the PWM comparator and gate driver
delays, pulse skipping may occur and the output might show larger ripple voltage.
7.3.7.3 Shutdown
During the shutdown sequence, BP6 is controlled by ENx/SSx. If both of ENx/SSx pins are pulled low, BP6 is
turned off regardless of the input voltage remaining higher than the programmed UVLO threshold.
7.3.8 Switching Frequency and Master or Slave Synchronization
The switching frequency is set by the value of the resistor connected from the RT pin to AGND. The RT resistor
value is calculated in Equation 5.
where
RRT is the the resistor from RT pin to AGND, in Ω
fSW is the desired switching frequency, in Hz
(5)
The TPS40322 device can also synchronize to an external clock that is ±20% of the master clock frequency
which is two times the free running frequency. Each TPS40322 can be set by the PHSET pin as either master or
slave. The master produces a 50% duty cycle clock to the slave. The slave synchronizes to the external clock
with 50% duty cycle and selects the phase shift angle as shown in Table 1.
Figure 21 shows an example of synchronizing two TPS40322 devices to generate an evenly distributed shift to
reduce input ripple.
Table 1. Phase Shift Angle Selection
PHSET
PHASE ANGLE (°)
MODE
RANGE
CONNECTION
CH1
CH2
(V)
AGND
< 0.5
Master
0
180
Floating
0.6 to 2
Slave
0
180
High
> 2.1
Slave
90
270
20
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: TPS40322


Similar Part No. - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com