Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS40322_16 Datasheet HTML 15Page - Texas Instruments TPS40322_16 Datasheet HTML 16Page - Texas Instruments TPS40322_16 Datasheet HTML 17Page - Texas Instruments TPS40322_16 Datasheet HTML 18Page - Texas Instruments TPS40322_16 Datasheet HTML 19Page - Texas Instruments TPS40322_16 Datasheet HTML 20Page - Texas Instruments TPS40322_16 Datasheet HTML 21Page - Texas Instruments TPS40322_16 Datasheet HTML 22Page - Texas Instruments TPS40322_16 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
´
=
SS
SS
SS
t
I
C
600 mV
0.4
0.8
1.3
Time
VEN1/SS1
VSS_INT
TPS40322
www.ti.com
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
Feature Description (continued)
7.3.7 Start-Up and Shutdown
7.3.7.1 Start-Up Sequence
When the ENx/SSx pin is pulled below 0.3 V, the respective channel is disabled. When ENx/SSx is released, the
controller starts automatically and an internal 40-µA current source begins to charge the external soft-start
capacitor. When the voltage across the soft-start capacitor is over 0.7 V, the internal BP regulator is enabled.
The ENx/SSx voltage is clamped to 1.3 V while waiting for signals indicating that BP6, VDD, and the oscillator
clock are good. After all the signals are confirmed, ENx/SSx is discharged to 0.4 V with a 140-µA current source,
and then charged again with the internal 10-µA current source. The operation is described by the waveform
shown in Figure 20. VSS_INT is an internal signal level shifted from ENx/SSx and then connected to the non-
inverting terminal of the error amplifier.
Figure 20. EN/SS Start-Up Waveform
The soft-start time is determined by the internal charge current and the external capacitance. The actual output
ramp-up time is the time for the internal current source to charge the capacitor through a 600-mV range. There is
some initial lag time due to the offset (800 mV typical) from the actual ENx/SSx pin voltage to VSS_INT. The soft-
start sequence takes place in a closed loop fashion, meaning that the error amplifier controls the output voltage
constantly during the soft-start period and the feedback loop is never open (as occurs in duty cycle limit soft-start
designs). The error amplifier has two non-inverting inputs, one connected to the 600-mV reference voltage, and
the other connected to the offset VSS_INT. The error amplifier controls the FB pin to the lower of these two
voltages. As the voltage on the ENx/SSx pin ramps up past approximately 1.4 V (800-mV offset voltage plus the
600-mV reference voltage), the 600-mV reference voltage becomes the dominant input and the converter has
reached its final regulation voltage.
Equation 4 is the calculation for soft-start capacitance.
where
CSS is the soft-start capacitance connected to ENx/SSx pin
tSS is the desired soft-start time
ISS is the internal soft-start current (typically 10 µA)
(4)
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TPS40322


Similar Part No. - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com