Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS40322_16 Datasheet HTML 13Page - Texas Instruments TPS40322_16 Datasheet HTML 14Page - Texas Instruments TPS40322_16 Datasheet HTML 15Page - Texas Instruments TPS40322_16 Datasheet HTML 16Page - Texas Instruments TPS40322_16 Datasheet HTML 17Page - Texas Instruments TPS40322_16 Datasheet HTML 18Page - Texas Instruments TPS40322_16 Datasheet HTML 19Page - Texas Instruments TPS40322_16 Datasheet HTML 20Page - Texas Instruments TPS40322_16 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
UDG-11113
FB2
EN2/SS2/GSNS
ILIM2/VSNS
DIFFO
BP6
+
R
R
R
R
L
O
A
D
RPARASITIC
VSNS
GSNS
Power Stage
RPARASITIC
+
FB1
COMP1
VREF
COMP2
VOUT
AGND
PGNDx
TPS40322
www.ti.com
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
Feature Description (continued)
7.3.6 Two-Phase Mode, Remote Sense Amplifier, and Current Sharing Loop
The TPS40322 can be configured to operate in single-output, two-phase mode for high-current applications. With
proper selection of the external MOSFETs, this device can support up to 50-A of load current in a two-phase
configuration. As shown in Figure 18, to configure the TPS40322 for two-phase mode, FB2 is tied to BP6. In this
mode, COMP1 must be connected to COMP2 to ensure current sharing between the two phases. For high-
current applications, the remote sense amplifier is used to compensate for the parasitic offset to provide an
accurate output voltage. The EN2/SS2 and ILIM2 pins are designed for multiple functions. They are used as
VSNS and GSNS for remote sensing in two-phase mode. DIFFO, which is the output of the remote sensing
amplifier, is connected to the resistor divider of the feedback network.
Note that BP6 powers the remote sense amplifier. The DIFFO voltage must be 0.2-V lower than the BP6 voltage
under all conditions. If BP6 is lower than DIFFO voltage, the converter loses regulation. To ensure no regulation
loss, use a remote sense amplifier when the application output voltage is lower than 2.2 V. For an application in
which the output voltage is higher than 2.2 V, the remote sense amplifier can be bypassed and the voltage
output can be connected to the feedback resistor divider directly.
Figure 18. Two-Phase Mode Voltage Loop Configuration
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS40322


Similar Part No. - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com